Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032A Datasheet(PDF) 44 Page - STMicroelectronics

Part # M58LW032A
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032A Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M58LW032A Datasheet HTML 40Page - STMicroelectronics M58LW032A Datasheet HTML 41Page - STMicroelectronics M58LW032A Datasheet HTML 42Page - STMicroelectronics M58LW032A Datasheet HTML 43Page - STMicroelectronics M58LW032A Datasheet HTML 44Page - STMicroelectronics M58LW032A Datasheet HTML 45Page - STMicroelectronics M58LW032A Datasheet HTML 46Page - STMicroelectronics M58LW032A Datasheet HTML 47Page - STMicroelectronics M58LW032A Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
M58LW032A
44/61
PART NUMBERING
Table 24. Ordering Information Scheme
Note: Devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the ST Sales Office nearest to you.
Example:
M58LW032A
90
N
1
T
Device Type
M58
Architecture
L = Page Mode, Burst Mode
Operating Voltage
W = VDD = 2.7V to 3.6V; VDDQ = 1.8V to VDD
Device Function
032A = 32 Mbit (x16), Uniform Block
Speed
90 = 90ns
110 = 110ns
Package
N = TSOP56: 14 x 20 mm
ZA = TBGA64: 10 x 13 mm, 1mm pitch
Temperature Range
1 = 0 to 70 °C
6 = –40 to 85 °C
Option
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com