Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032A Datasheet(PDF) 36 Page - STMicroelectronics

Part # M58LW032A
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032A Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M58LW032A Datasheet HTML 32Page - STMicroelectronics M58LW032A Datasheet HTML 33Page - STMicroelectronics M58LW032A Datasheet HTML 34Page - STMicroelectronics M58LW032A Datasheet HTML 35Page - STMicroelectronics M58LW032A Datasheet HTML 36Page - STMicroelectronics M58LW032A Datasheet HTML 37Page - STMicroelectronics M58LW032A Datasheet HTML 38Page - STMicroelectronics M58LW032A Datasheet HTML 39Page - STMicroelectronics M58LW032A Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
M58LW032A
36/61
Table 18. Asynchronous Write and Latch Controlled Write AC Characteristics, Write Enable
Controlled.
Symbol
Parameter
Test Condition
M58LW032A
Unit
90
110
tAVLH
Address Valid to Latch Enable High
Min
10
10
ns
tAVWH
Address Valid to Write Enable High
E = VIL
Min
50
50
ns
tDVWH
Data Input Valid to Write Enable High
E = VIL
Min
50
50
ns
tELWL
Chip Enable Low to Write Enable Low
Min
0
0
ns
tELLL
Chip Enable Low to Latch Enable Low
Min
0
0
ns
tLHAX
Latch Enable High to Address Transition
Min
6
6
ns
tLHGL
Latch Enable High to Output Enable Low
Min
95
95
ns
tLHWH
Latch Enable High to Write Enable High
Min
0
0
ns
tLLLH
Latch Enable low to Latch Enable High
Min
10
10
ns
tLLWH
Latch Enable Low to Write Enable High
Min
50
50
ns
tVPHWH
Program/Erase Enable High to Write Enable High
Min
0
0
ns
tWHAX
Write Enable High to Address Transition
E = VIL
Min
10
10
ns
tWHBL
Write Enable High to Ready/Busy low
Max
500
500
ns
tWHDX
Write Enable High to Input Transition
E = VIL
Min
10
10
ns
tWHEH
Write Enable High to Chip Enable High
Min
0
0
ns
tGHWL
Output Enable High to Write Enable Low
Min
20
20
ns
tWHGL
Write Enable High to Output Enable Low
Min
35
35
ns
tWHWL
Write Enable High to Write Enable Low
Min
30
30
ns
tWLWH
Write Enable Low to Write Enable High
E = VIL
Min
70
70
ns
tWLLH
Write Enable Low to Latch Enable High
E = VIL
Min
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com