Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032A Datasheet(PDF) 55 Page - STMicroelectronics

Part # M58LW032A
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032A Datasheet(HTML) 55 Page - STMicroelectronics

Back Button M58LW032A Datasheet HTML 51Page - STMicroelectronics M58LW032A Datasheet HTML 52Page - STMicroelectronics M58LW032A Datasheet HTML 53Page - STMicroelectronics M58LW032A Datasheet HTML 54Page - STMicroelectronics M58LW032A Datasheet HTML 55Page - STMicroelectronics M58LW032A Datasheet HTML 56Page - STMicroelectronics M58LW032A Datasheet HTML 57Page - STMicroelectronics M58LW032A Datasheet HTML 58Page - STMicroelectronics M58LW032A Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
55/61
M58LW032A
Figure 28. Blocks Unprotect Flowchart and Pseudo Code
Write D0h
AI06158b
YES
NO
b7 = 1
Start
Write 60h
Write FFh
Blocks Unprotect
Sucessful
b3 = 1
b4, b5 = 1,1
b5 = 1
VPP Invalid
Error
Invalid Command
Sequence Error
Blocks Unprotect
Error
YES
YES
YES
NO
NO
NO
Block Unprotect Command
– write 60h, Block Adress
– write D0h, Block Adress
while b7 = 1
If b3 = 1, VPP Invalid Error
Read Memory Array Command:
– write FFh
If b4 = 1, b5 = 1 Invalid Command
Sequence Error
If b5 = 1, Blocks Unprotect Error
do:
– read status register ( toggle G or E,
do not use the Read Status Register command)
Read Status Register
(toggle G or E )
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com