Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032A Datasheet(PDF) 15 Page - STMicroelectronics

Part # M58LW032A
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M58LW032A Datasheet HTML 11Page - STMicroelectronics M58LW032A Datasheet HTML 12Page - STMicroelectronics M58LW032A Datasheet HTML 13Page - STMicroelectronics M58LW032A Datasheet HTML 14Page - STMicroelectronics M58LW032A Datasheet HTML 15Page - STMicroelectronics M58LW032A Datasheet HTML 16Page - STMicroelectronics M58LW032A Datasheet HTML 17Page - STMicroelectronics M58LW032A Datasheet HTML 18Page - STMicroelectronics M58LW032A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
15/61
M58LW032A
Synchronous Bus Operations
For synchronous bus operations refer to Table 3
together with the text below.
Synchronous Burst Read. Synchronous
Burst
Read operations are used to read from the memo-
ry at specific times synchronized to an external ref-
erence clock. The burst type, length and latency
can be configured. The different configurations for
Synchronous Burst Read operations are de-
scribed in the Burst Configuration Register sec-
tion.
A valid Synchronous Burst Read operation begins
when the address is set on the Address Inputs,
Write Enable is High, VIH, and Chip Enable and
Latch Enable are Low, VIL, during the active edge
of the Clock. The address is latched on the first ac-
tive clock edge when Latch Enable is low, or on
the rising edge of Latch Enable, whichever occurs
first. The data becomes available for output after
the X-latency specified in the Burst Control Regis-
ter has expired. The output buffers are activated
by setting Output Enable Low, VIL. See Figures 6
and 7 for examples of Synchronous Burst Read
operations.
In Continuous Burst mode one Burst Read opera-
tion can access the entire memory sequentially. If
the starting address is not associated with a page
(4 Word) boundary the Valid Data Ready, R, out-
put goes Low, VIL, to indicate that the data will not
be ready in time and additional wait-states are re-
quired. The Valid Data Ready output timing (bit
M8) can be changed in the Burst Configuration
Register.
The Synchronous Burst Read timing diagrams
and AC Characteristics are described in the AC
and DC Parameters section. See Figures 18, 19
and Table 20.
Table 3. Synchronous Burst Read Bus Operations
Note: 1. X = Don't Care, VIL or VIH.
2. M15 = 0, Bit M15 is in the Burst Configuration Register.
3. T = transition, see M6 in the Burst Configuration Register for details on the active edge of K.
Bus Operation
Step
E
G
RP
K(3)
L
A1-A21
DQ0-DQ15
Synchronous Burst Read
Address Latch
VIL
X
VIH
T
VIL
Address Input
Read
VIL
VIL
VIH
T
X
Data Output
Read Abort
VIH
X
VIH
X
X
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com