Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032A Datasheet(PDF) 24 Page - STMicroelectronics

Part # M58LW032A
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032A Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M58LW032A Datasheet HTML 20Page - STMicroelectronics M58LW032A Datasheet HTML 21Page - STMicroelectronics M58LW032A Datasheet HTML 22Page - STMicroelectronics M58LW032A Datasheet HTML 23Page - STMicroelectronics M58LW032A Datasheet HTML 24Page - STMicroelectronics M58LW032A Datasheet HTML 25Page - STMicroelectronics M58LW032A Datasheet HTML 26Page - STMicroelectronics M58LW032A Datasheet HTML 27Page - STMicroelectronics M58LW032A Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
M58LW032A
24/61
Table 8. Read Protection Register
Figure 8. Protection Register Memory Map
Word
Use
A8A7A6
A5
A4A3A2A1
Lock
Factory, User
1000
0000
0
Factory (Unique ID)
1000
0001
1
Factory (Unique ID)
1000
0010
2
Factory (Unique ID)
1000
0011
3
Factory (Unique ID)
1000
0100
4
User
1000
0101
5
User
1000
0110
6
User
1000
0111
7
User
1000
1000
AI05501
User Programmable
Unique device number
Protection Register Lock
1
0
88h
85h
84h
81h
80h
WORD
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com