Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12 Datasheet(PDF) 36 Page - ams-OSRAM AG

Part # C12
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C12 Datasheet(HTML) 36 Page - ams-OSRAM AG

Back Button C12 Datasheet HTML 32Page - ams-OSRAM AG C12 Datasheet HTML 33Page - ams-OSRAM AG C12 Datasheet HTML 34Page - ams-OSRAM AG C12 Datasheet HTML 35Page - ams-OSRAM AG C12 Datasheet HTML 36Page - ams-OSRAM AG C12 Datasheet HTML 37Page - ams-OSRAM AG C12 Datasheet HTML 38Page - ams-OSRAM AG C12 Datasheet HTML 39Page - ams-OSRAM AG C12 Datasheet HTML 40Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
34 - 70
Rgb2 current
Addr: 0Ch
This register controls the RGB current sink current.
Bit
Bit Name
Default
Access
Description
7:0
rgb2_current
0
R/W
Defines current into Current sink RGB2
00h = 0 mA
01h = 0.15 mA
...
FFh = 38.25 mA
Rgb3 current
Addr: 0Dh
This register controls the RGB current sink current.
Bit
Bit Name
Default
Access
Description
7:0
rgb3_current
0
R/W
Defines current into Current sink RGB3
00h = 0 mA
01h = 0.15 mA
...
FFh = 38.25 mA
7.4.4 General Purpose Current Sinks CURR41, CURR42, CURR43
The current sinks CURR42 and CURR43 are only available in the device version AS3688B. In the AS3688B
version , the dcdc step up converter is not available.
The general purpose current sink can only be used if the DCDC step up converter is not required. The current
sink on the pin DCDC_FB can even be used together with the dcdc converter in current feedback mode without
overvoltage protection. These low voltage current sinks have a resolution of 8 bits and can sink up to 40mA.
Symbol
Parameter
Min
Typ
Max
Unit
Note
IBIT7
Current sink if Bit7 = 1
19.2
IBIT6
Current sink if Bit6 = 1
9.6
IBIT5
Current sink if Bit5 = 1
4.8
IBIT4
Current sink if Bit4 = 1
2.4
IBIT3
Current sink if Bit3 = 1
1.2
IBIT2
Current sink if Bit2 = 1
0.6
IBIT1
Current sink if Bit1 = 1
0.3
IBIT0
Current sink if Bit0 = 1
0.15
mA
For V(CURRx) > 0.2V
∆m
matching Accuracy
-8
+8
%
CURR41,42,43; full scale
∆
absolute Accuracy
-15
+15
%
V(CURR4x) < VBAT-1.0V
Curr41,42
,43
Voltage compliance
0.2
VBAT
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com