Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12 Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # C12
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C12 Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button C12 Datasheet HTML 13Page - ams-OSRAM AG C12 Datasheet HTML 14Page - ams-OSRAM AG C12 Datasheet HTML 15Page - ams-OSRAM AG C12 Datasheet HTML 16Page - ams-OSRAM AG C12 Datasheet HTML 17Page - ams-OSRAM AG C12 Datasheet HTML 18Page - ams-OSRAM AG C12 Datasheet HTML 19Page - ams-OSRAM AG C12 Datasheet HTML 20Page - ams-OSRAM AG C12 Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
15 - 70
R3 = Feedback resistor R3.
R4 = Feedback resistor R4.
IDCDC_FB = Tuning current at pin 29 (DCDC_FB); 0 to 31µA.
Table
8 – Voltage Feedback Example Values
Ivtuning
Ustepup_out
Ustepup_out
µ A
R3 = 1MΩ, R4 not used
R3 = 500kΩ, R4 = 50kΩ
0
-
13.75
1
-
14.25
2
-
14.75
3
-
15.25
4
-
15.75
5
6.25
16.25
6
7.25
16.75
7
8.25
17.25
8
9.25
17.75
9
10.25
18.25
10
11.25
18.75
11
12.25
19.25
12
13.25
19.75
13
14.25
20.25
14
15.25
20.75
15
16.25
21.25
…
…
…
30
31.25
28.75
31
32.25
29.25
Caution:
The voltage on CURR1 and CURR2 must not exceed 15V – see also section ‘High Voltage Current
Sinks’.
7.2.4 PCB Layout Tips
To ensure good EMC performance of the DCDC converter, keep its external power components C2, R2, L1, Q1,
D1 and C9 close together. Connect the ground of C2, Q1 and C9 locally together and connect this path with a
single via to the main ground plane. This ensures that local high-frequency currents will not flow to the battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com