Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12 Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # C12
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C12 Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button C12 Datasheet HTML 4Page - ams-OSRAM AG C12 Datasheet HTML 5Page - ams-OSRAM AG C12 Datasheet HTML 6Page - ams-OSRAM AG C12 Datasheet HTML 7Page - ams-OSRAM AG C12 Datasheet HTML 8Page - ams-OSRAM AG C12 Datasheet HTML 9Page - ams-OSRAM AG C12 Datasheet HTML 10Page - ams-OSRAM AG C12 Datasheet HTML 11Page - ams-OSRAM AG C12 Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
6 - 70
Symbol
Parameter
Min
Typ
Max
Unit
Note
ILOWPOWER
Low-Power Mode Current
10
18
µA
Current consumption in low-power
mode; ldo_ana1_lpo= 1,
ldo_ana1_on=1 and V2_5 on,
maximum LDO load current on
ldo_ana1 = 5mA; interface active
ISTANDBY
Standby Mode Current
8
13
µA
Current consumption in standby
mode. Only 2.5V regulator on
VDD_GPIO > 1.5V; interface active
ISHUTDOWN
Shutdown Mode Current
0.1
3
µA
VDD_GPIO < 0.3V; interface
disabled and register are reset
Notes:
1.
All device parameters are valid under all operating conditions unless otherwise specified
6
Typical Operating Characteristics
Figure
2 – DCDC Step Up Converter: Efficiency at VBAT = 3.8V
65
70
75
80
85
90
0,0
20,0
40,0
60,0
80,0
Load Current [mA]
VOUT=14.2V
VOUT=17.2V
VOUT=22.3V
VOUT=14.2V
500kHz
Figure
3 – Charge Pump: Efficiency vs. VBAT
0
10
20
30
40
50
60
70
80
90
100
2,8
3,0
3,2
3,4
3,6
3,8
4,0
4,2
Vbat [V]
ILED=160mA,
VLED=3.65V
ILED=320mA,
VLED=4.6V
ILED=80mA,
VLED=3.26V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com