Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12 Datasheet(PDF) 66 Page - ams-OSRAM AG

Part # C12
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C12 Datasheet(HTML) 66 Page - ams-OSRAM AG

Back Button C12 Datasheet HTML 62Page - ams-OSRAM AG C12 Datasheet HTML 63Page - ams-OSRAM AG C12 Datasheet HTML 64Page - ams-OSRAM AG C12 Datasheet HTML 65Page - ams-OSRAM AG C12 Datasheet HTML 66Page - ams-OSRAM AG C12 Datasheet HTML 67Page - ams-OSRAM AG C12 Datasheet HTML 68Page - ams-OSRAM AG C12 Datasheet HTML 69Page - ams-OSRAM AG C12 Datasheet HTML 70Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
64 - 70
10 Pinout and Packaging
10.1 Pin Description
Table 28 – Pinlist QFN32
Pin
Name
Type
Description
1
GPI
DIO3 General purpose input
2
C2_N
AIO
Charge Pump flying capacitor; connect a ceramic capacitor of 2.2µF (±20%) to this
pin.
3
VBAT2
S
Charge Pump supply pad.
Note:Always connect this pin to VBAT.
4
C2_P
AIO
Charge Pump flying capacitor; connect a ceramic capacitor of 2.2µF (±20%) to this
pin.
5
CP_OUT
AIO
Output voltage of the Charge Pump; connect a ceramic capacitor of 2.2µF (±20%) .
6
C1_P
AIO
Charge Pump flying capacitor; connect a ceramic capacitor of 2.2µF (±20%) to this
pin.
7
VBAT1
AIO
Supply pad for Charge Pump.
Note:Always connect this pin to VBAT.
8
C1_N
AIO
Charge Pump flying capacitor; connect a ceramic capacitor of 2.2µF (±20%) to this
pin.
9
CURR33
AI
Analog current sink input (intended for LED flash).
10
CURR32
AI
Analog current sink input (intended for LED flash).
11
CURR31
AI
Analog current sink input (intended for LED flash).
12
CURR30
AI
Analog current sink input (intended for LED flash).
13
GPIO2
DIO3 General purpose input/output.
14
VDD_GPIO
S
Supply pad for GPIOs and serial interface.
15
GPIO1
DIO3 General purpose input/output, ADC input.
16
GPIO0
DIO3 General purpose input/output, ADC input.
17
CLK
DI3
Clock input for serial interface.
18
DATA
DIO3 Serial interface data input/output.
19
CURR1
AI_HV Analog current sink input (intended for LED).
20
CURR2
AI_HV Analog current sink input (intended for LED).
21
VANA1
AO
Output voltage of the Analog LDO VANA1. Connect a ceramic capacitor of 1µF
(±20%) or 2.2µF (+100%/-50%).
22
VBAT3
S
Supply pad; always connect to VBAT.
23
RGB3
(VANA2)
AI (AO)
RGB Current sink input
Alternative function: Output voltage of the Analog LDO VANA2. Connect a ceramic
capacitor of 1µF (±20%) or 2.2µF (+100%/-50%) if this ldo is used.
24
SENSE_N
(CURR43)
AIO
Negative sense input of shunt resistor for Step Up DC/DC Converter.
Alternative function: General purposed current sink
25
SENSE_P
(CURR42)
AIO
Positive sense input of shunt resistor for Step Up DC/DC Converter.
Alternative function: General purposed current sink
26
DCDC_GATE
AO
DCDC gate driver.
27
RGB1
AI
RGB Current sink input
28
RGB2
AI
RGB Current sink input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com