Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12 Datasheet(PDF) 40 Page - ams-OSRAM AG

Part # C12
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C12 Datasheet(HTML) 40 Page - ams-OSRAM AG

Back Button C12 Datasheet HTML 36Page - ams-OSRAM AG C12 Datasheet HTML 37Page - ams-OSRAM AG C12 Datasheet HTML 38Page - ams-OSRAM AG C12 Datasheet HTML 39Page - ams-OSRAM AG C12 Datasheet HTML 40Page - ams-OSRAM AG C12 Datasheet HTML 41Page - ams-OSRAM AG C12 Datasheet HTML 42Page - ams-OSRAM AG C12 Datasheet HTML 43Page - ams-OSRAM AG C12 Datasheet HTML 44Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
38 - 70
7.4.5.2 LED Pattern Registers
Pattern data0, Pattern data1, Pattern data2, Pattern data3
Addr: 19h,1Ah,1Bh,1Ch
This registers contains the pattern data for the RGB current sinks.
Bit
Bit Name
Default
Access
Description
7:0
pattern_data0[7:0]
1
0
R/W
Pattern data0; if this register is changed and patern_color=1
no current source must have currX_mode = ‘LED pattern
controlled’ (11)
7:0
pattern_data1[15:8]
1
0
R/W
Pattern data1; if this register is changed and patern_color=1
no current source must have currX_mode = ‘LED pattern
controlled’ (11)
7:0
pattern_data2[23:16]
1
0
R/W
Pattern data2; if this register is changed and patern_color=1
no current source must have currX_mode = ‘LED pattern
controlled’ (11)
7:0
pattern_data3[31:24]
1
0
R/W
Pattern data3; if this register is changed and patern_color=1
no current source must have currX_mode = ‘LED pattern
controlled’ (11)
Note:
1.
Update any of the pattern register only if none of the current sources is connected to the pattern
generator (‘xxxx’_mode must not be 11b). The pattern generator is automatically started at the
same time when any of the current sources is connected to the pattern generator
Pattern control
Addr: 18h
This register controls the LED pattern
Bit
Bit Name
Default
Access
Description
0
pattern_color
0
R/W
Defines the pattern type for the current sinks
0b = single 32 bit pattern (also set currX_mode = ‘LED
pattern controlled (11))
1b = RGB pattern with each 10 bits (also set
currX_mode = ‘LED pattern controlled (11))
2:1
pattern_delay
0
R/W
Delay between pattern
00b = 0 sec
01b = 1 sec (8 sec if pattern_slow=1)
10b = 2 sec (16 sec if pattern_slow=1)
11b = 3 sec (24 sec if pattern_slow=1)
3
softdim_pattern
0b
R/W
Enable the ‘soft’ dimming feature for the pattern generator
0 = Pattern generator directly control current sources
1 = ‘Soft Dimming’ is performed – see section ’Soft Dimming
for pattern’; do not use for CURR1 or CURR2; do not
set CURR3x_mode to ‘other’ if softdim_pattern=1
4
curr30_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b = CURR30 controlled according curr30_mode register
1b = CURR30 controlled by LED pattern generator
5
curr31_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b = CURR31 controlled according curr31_mode register
1b = CURR31 controlled by LED pattern generator
6
curr32_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b = CURR32 controlled according curr32_mode register
1b = CURR32 controlled by LED pattern generator
7
curr33_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b = CURR33 controlled according curr33_mode register
1b = CURR33 controlled by LED pattern generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com