Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12 Datasheet(PDF) 52 Page - ams-OSRAM AG

Part # C12
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C12 Datasheet(HTML) 52 Page - ams-OSRAM AG

Back Button C12 Datasheet HTML 48Page - ams-OSRAM AG C12 Datasheet HTML 49Page - ams-OSRAM AG C12 Datasheet HTML 50Page - ams-OSRAM AG C12 Datasheet HTML 51Page - ams-OSRAM AG C12 Datasheet HTML 52Page - ams-OSRAM AG C12 Datasheet HTML 53Page - ams-OSRAM AG C12 Datasheet HTML 54Page - ams-OSRAM AG C12 Datasheet HTML 55Page - ams-OSRAM AG C12 Datasheet HTML 56Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
50 - 70
GPIO driving cap
Addr: 20h
This register enables low current mode for GPIOs.
Bit
Bit Name
Default
Access
Description
0
gpio0_low_curr
0
R/W
Defines the driving capability of pin GPIO0.
0 = Iout
1 = Iout /4
1
gpio1_low_curr
0
R/W
Defines the driving capability of pin GPIO1.
0 = Iout
1 = Iout /4
2
gpio2_low_curr
0
R/W
Defines the driving capability of pin GPIO2.
0 = Iout
1 = Iout /4
7:3
N/A
7.6 LED Test
Figure
30 – LED Function Testing
The AS3688 supports the verification of the functionality of the connected LEDs (open and shorted LEDs can be
detected). This feature is especially useful in production test to verify the correct assembly of the LEDs, all its
connectors and cables. It can also be used in the field to verify if any of the LEDs is damaged. A damaged LED
can then be disabled (to avoid unnecessary currents).
The current sources, charge pump, dcdc converter and the internal ADC are used to verify the forward voltage of
the LEDs. If this forward voltage is within the specified limits of the LEDs, the external circuitry is assumed to
operate.
7.6.1 Function Testing for single LEDs connected to the Charge Pump
For any current source connected to the charge pump (usually RGB{1,2,3}, CURR{30,31,32,33,41,42,43}) where
only one LED is connected between the charge pump and the current sink (see Figure 1) use:
Table
19 – Function Testing for LEDs connected to the Charge Pump
Step
Action
Example Code
1.
Switch on the charge pump and set it into manual 1:2
mode (to avoid automatic mode switching during
measurements)
Reg 23h <- 14h (cp_mode = 1:2, manual)
Reg 00h <- 04h (cp _on = 1)
C9
4.7µF
CPOUT
C8
2.2µF
ADC
Baseband
Processor
Interface
Detect Open LEDs
Detect Shorted LEDs
From DCDC
Step Up
Converter
From Charge
Pump
DCDC_FB
R3
1M
D1
I(step_up_vtuning)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com