Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12 Datasheet(PDF) 56 Page - ams-OSRAM AG

Part # C12
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C12 Datasheet(HTML) 56 Page - ams-OSRAM AG

Back Button C12 Datasheet HTML 52Page - ams-OSRAM AG C12 Datasheet HTML 53Page - ams-OSRAM AG C12 Datasheet HTML 54Page - ams-OSRAM AG C12 Datasheet HTML 55Page - ams-OSRAM AG C12 Datasheet HTML 56Page - ams-OSRAM AG C12 Datasheet HTML 57Page - ams-OSRAM AG C12 Datasheet HTML 58Page - ams-OSRAM AG C12 Datasheet HTML 59Page - ams-OSRAM AG C12 Datasheet HTML 60Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
54 - 70
GPIO current
Addr: 2Ch
controls the output current of pin GPIO (e.g. for light sensor)
Bit
Bit Name
Default
Access
Description
3:1
gpio2_curr
000
R/W
000 off
001 2uA
010 4uA
…
111 14uA
ADC_MSB Result
Addr: 27h
Together with Register 27h, this register contains the results (MSB) of an ADC cycle.
Bit
Bit Name
Default
Access
Description
6:0
D9:D3
N/A
R
ADC results register.
7
result_not_ready
N/A
R
Indicates end of ADC conversion cycle.
0 = Result is ready.
1 = Conversion is running.
ADC_LSB Result
Addr: 28h
Together with Register 28h, this register contains the results (LSB) of an ADC cycle
Bit
Bit Name
Default
Access
Description
2:0
D2:D0
N/A
R
ADC result register.
7:3
N/A
Figure
31 – ADC Timing Diagrams (TBD: TODO: Increase Sample Time to 16us)
Serial Bus
1MHz Clock*
Sample Input*
ADC_ON*
result_not_ready**
D9:0**
start_conversion _
* Internal Signals
** Register Bits
Old Data
Data Not Valid
Data Ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com