Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # C12
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C12 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button C12 Datasheet HTML 8Page - ams-OSRAM AG C12 Datasheet HTML 9Page - ams-OSRAM AG C12 Datasheet HTML 10Page - ams-OSRAM AG C12 Datasheet HTML 11Page - ams-OSRAM AG C12 Datasheet HTML 12Page - ams-OSRAM AG C12 Datasheet HTML 13Page - ams-OSRAM AG C12 Datasheet HTML 14Page - ams-OSRAM AG C12 Datasheet HTML 15Page - ams-OSRAM AG C12 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
10 - 70
Symbol
Parameter
Min
Typ
Max
Unit
Note
300
450
(7)
520
(7)
mA
Pin VANA1. LDO acts as current
source if the output current
exceeds
ILIMIT. (6)
LDO Current Limit
ldo_ana1_lpo
= 0
300
450
(7)
520
(7)
mA
Pin VANA2
ILIMIT
(8)
LDO Current Limit
ldo_ana1_lpo
= 1
4
8
mA
VBAT3-VANA>=0.2V
-10
10
mV
Static (4)
VLoadReg_L
P
Load Regulation
ldo_ana1_lpo
= 1
-50
50
mV
Transient; Slope: tr = 10µs (5)
Notes:
1.
The Line Regulation in Table 3 is valid for whole output voltage (1.8 to 3.3V), if (VBAT-VANA1,2) >200mV.
2.
The static Load Regulation in Table 3 is valid for whole output voltage (1.8 to 3.3V) and current range (0
to 100mA), if (VBAT-VANA1,2) >200mV.
3.
The load condition for this value is a 1 to 100mA and 100 to 1mA steps.
4.
The static load regulation in Table 3 is valid for the whole output voltage range (1.8 to 3.3V) and current
range (0 to 5mA), if (VBAT-VANA1,2) >500mV.
5.
The load condition for this value is a 0.05 to 5mA and 5 to 0.05mA steps.
6.
The duration of operation in current limit is only dependent on the total power dissipation of the device.
If this limit exceeded, the overtemperature detection might disable the device temporarily.
7.
During startup of the LDO the current limit is half the value of ILIMIT
8.
Not production tested – guaranteed by design and laboratory verification
7.1.1 LDO Registers
Table
4 – Register definition for Analog LDO
Reg. Control
Addr: 00
This register enables/disables the LDOs, Charge Pumps, Charge Pump
LEDs, current sinks, the Step Up DC/DC Converter, and low-power mode.
Bit
Bit Name
Default
Access
Description
0
ldo_ana1_on
0
R/W
0 = Analog LDO is switched off
1 = Analog LDO is switched on
1
ldo_ana2_on
0
R/W
0 = Analog LDO is switched off
1 = Analog LDO is switched on
7
ldo_ana1_lpo
0
R/W
0 = Normal Operation
1 = Low-power mode; (ldo_ana1 only),current
consumption is reduced by about 75µA. Reduced
performance of LDO: max 5mA load, internal oscillator is
switched off. The device will exit low-power mode
automatically, if blocks requiring the oscillator are
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com