Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12 Datasheet(PDF) 53 Page - ams-OSRAM AG

Part # C12
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C12 Datasheet(HTML) 53 Page - ams-OSRAM AG

Back Button C12 Datasheet HTML 49Page - ams-OSRAM AG C12 Datasheet HTML 50Page - ams-OSRAM AG C12 Datasheet HTML 51Page - ams-OSRAM AG C12 Datasheet HTML 52Page - ams-OSRAM AG C12 Datasheet HTML 53Page - ams-OSRAM AG C12 Datasheet HTML 54Page - ams-OSRAM AG C12 Datasheet HTML 55Page - ams-OSRAM AG C12 Datasheet HTML 56Page - ams-OSRAM AG C12 Datasheet HTML 57Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
51 - 70
Table
19 – Function Testing for LEDs connected to the Charge Pump
Step
Action
Example Code
2.
Switch on the current sink for the LED to be tested
e.g. for register CURR31set to 9mA use
Reg 10h <- 0Fh (curr3x_other = 9mA)
Reg 03h <- 0ch (curr31_mode = curr3x_other)
3.
Measure with the ADC the voltage on CP_OUT
Reg 26h <- 95h (adc_select=CP_OUT,start ADC)
Fetch the ADC result from Reg 27h and 28h
4.
Measure with the ADC the voltage on the switched on
current sink
Reg 26h <- 8bh (adc_select=CURR31,start ADC)
Fetch the ADC result from Reg 27h and 28h
5.
Switch off the current sink for the LED to be tested
Reg 03h <- 00h (curr31_mode = off)
6.
Compare the difference between the ADC
measurements (which is the actual voltage across the
tested LED) against the specification limits of the
tested LED
Calculation performed in baseband uProcessor
7.
Do the same procedure for the next LED starting from
point 2
Jump to 2. If not all the LEDs have been tested
8.
Switch off the charge pump
set chargepump automatic mode
Reg 00h <- 00h (cp _on = 0)
Reg 23h <- 00h
Note: For CURR41,42,43 first set the charge pump into 1:1 mode and test if the LED is shorted. Then use the
above described procedure.
7.6.2 Function Testing for LEDs connected to the Step Up DCDC Converter
For LEDs connected to the DCDC converter (usually current sinks CURR1and CURR2) use the following
procedure:
Table
20 – Function Testing for LEDs connected to the DCDC converter
Step
Action
Example Code
1.
Switch on the current sink for the LED string to be
tested (CURR1 or CURR2)
e.g. Test LEDs on CURR1:
Reg 01h <- 01h (curr1_mode=on)
Reg 09h <- 3ch (curr1 = 9mA)
2.
Select the feedback path for the LED string to be
tested (e.g. step_up_fb = 01 for LED string on
CURR1)
Reg 21h <- 02h (feedback=curr1)
3.
Set the current for step_up_vtuning exactly above the
maximum forward voltage of the tested LED string +
0.6V (for the current sink) + 0.25V; add 6% margin
(accuracy of step_up_vtuning); this sets the maximum
output voltage limit for the DCDC converter
e.g. 4 LEDs with UfMAX = 4.1V gives 17.25V +6%
= 18.29V; if R3=1MΩ and R4 = open, then select
step_up_vtuning = 18 (Reg 21h <- 92h; results in
19.25V overvoltage protection voltage – see table
in DCDC section)
4.
Set stepup_prot = 1
Reg 22h <- 04h
5.
Switch on the DCDC converter
Reg 00h <- 08h
6.
Wait 1ms (DCDC startup time)
7.
Measure the voltage on DCDC_FB (ADC)
Reg 26h <- 96h (adc_select=DCDC_FB, start
ADC; Fetch the ADC result from Reg 27h and 28h)
8.
If the voltage on DCDC_FB is above 1.0V, the tested
LED string is broken – then skip the following steps
(Code >199h)
9.
Switch off the overvoltage protection (stepup_prot = 0) Reg 22h <- 00h
10.
Reduce step_up_vtuning step by step until the
measured voltage on DCDC_FB (ADC) is above 1.0V.
e.g.: Reg 21h <- 62h (step_up_vtuning=12): ADC
result=1,602V
11.
Measure voltage on DCDC_FB
e.g. DCDC_FB=1.602V
12.
Switch off the DCDC converter
Reg 00h <- 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com