Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12 Datasheet(PDF) 64 Page - ams-OSRAM AG

Part # C12
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C12 Datasheet(HTML) 64 Page - ams-OSRAM AG

Back Button C12 Datasheet HTML 60Page - ams-OSRAM AG C12 Datasheet HTML 61Page - ams-OSRAM AG C12 Datasheet HTML 62Page - ams-OSRAM AG C12 Datasheet HTML 63Page - ams-OSRAM AG C12 Datasheet HTML 64Page - ams-OSRAM AG C12 Datasheet HTML 65Page - ams-OSRAM AG C12 Datasheet HTML 66Page - ams-OSRAM AG C12 Datasheet HTML 67Page - ams-OSRAM AG C12 Datasheet HTML 68Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
62 - 70
9
External Components
Table 27 – External Components List
Value
Part Number
min
typ
max
Tol
(min)
Rating
(max)
Notes
Package
(min)
C1
100nF
+/-20%
6.3V
Ceramic, X5R (CREF)
0201
C2
1µF
4.7µF
+/-20%
6.3V
Ceramic, X5R (SENSES_P)
0603
C3
2.2µF
+/-20%
6.3V
Ceramic, X5R (VANA1) (e.g.
Taiyo Yuden
JDK105BJ225MV-F)
0402
C4
1µF
4.7µF
+/-20%
6.3V
Ceramic, X5R (V2_5) (e.g.
Taiyo Yuden
JMK105BJ105KV-F)
0402
C5
2.2µF
+/-20%
6.3V
Ceramic, X5R (VBAT1,
VBAT2) (e.g. Taiyo Yuden
JMK107BJ225MA-T)
0603
C6
2.2µF
+/-20%
6.3V
Ceramic, X5R (Charge Pump)
(e.g. Taiyo Yuden
JMK107BJ225MA-T)
0603
C7
2.2µF
+/-20%
6.3V
Ceramic, X5R (Charge Pump)
(e.g. Taiyo Yuden
JMK107BJ225MA-T)
0603
C8
2.2µF/
4.7µF
+/-20%
6.3V
Ceramic, X5R (Charge Pump
Output) (e.g. Taiyo Yuden
JMK107BJ475MA-T)
capacitor must have at least
1.5µF under all conditions
0603
C9
2.2µF
+/-20%
25V
Ceramic, X5R, X7R (Step Up
DCDC converter output)
(e.g. Taiyo Yuden
TMK316BJ475KF)
1206
C10
1.5nF
+/-20%
25V
Ceramic, X5R (Step Up DCDC
Feedback)
0402
C11
15nF
+/-20%
6.3V
Ceramic, X5R (Step Up DCDC
Feedback) – not required for
overvoltage detection
0402
C12
2.2µF
+/-20%
6.3V
Ceramic, X5R (RGB3/VANA2)
(e.g. Taiyo Yuden
JDK105BJ225MV-F) (only if
VANA2 LDO is used)
0402
R1
220k
+/-1%
Bias Resistor
0201
R2
100m
+/-5%
Shunt Resistor
0805
R3
1M
+/-1%
Step Up DC/DC Converter
Voltage Feedback
0201
R4
100k
+/-1%
Step Up DC/DC Converter
Voltage Feedback – not
required for overvoltage
protection
0201
R5
1-10k
+/-20%
Serial DATA line Pullup
resistor
0201
R6
Light Sensor – optional
L1
10µH
+/-20%
Recommended Type:
Coiltronics SD- 12-100 or
Panasonic ELLSFG100MA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com