Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12 Datasheet(PDF) 44 Page - ams-OSRAM AG

Part # C12
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C12 Datasheet(HTML) 44 Page - ams-OSRAM AG

Back Button C12 Datasheet HTML 40Page - ams-OSRAM AG C12 Datasheet HTML 41Page - ams-OSRAM AG C12 Datasheet HTML 42Page - ams-OSRAM AG C12 Datasheet HTML 43Page - ams-OSRAM AG C12 Datasheet HTML 44Page - ams-OSRAM AG C12 Datasheet HTML 45Page - ams-OSRAM AG C12 Datasheet HTML 46Page - ams-OSRAM AG C12 Datasheet HTML 47Page - ams-OSRAM AG C12 Datasheet HTML 48Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
42 - 70
Figure
25 – PWM Control
Automatic Up/Down Dimming
If the register pwm_dim_mode is set to 01 (up dimming) or 10 (down dimming) the value within the register
pwm_code is increased (up dimming) or decreased (down dimming) every time and amount (either 1/4
th or 1/8th)
defined by the register pwm_dim_speed. The maximum value of 255 (completely on) and the minimum value of
0 (off) is never exceeded. It is used to smoothly and automatically dim the brightness of the LEDs connceted to
any of the current sinks. The PWM code is readable all the time (Also during up and down dimming)
The waveform for up dimming looks as follows (cycles omitted for simplicity):
Figure
26 – PWM Dimming Waveform for up dimming (pwm_dim_mode = 01); currX_mode = PWM controlled (not all steps shown)
The internal pwm modulator circuit controls the current sinks as shown in the following figure:
Figure
27 – PWM Control Circuit (currX_mode = 10b (PWM controlled)); X = any current sink
The adder logic (available for RGB1, RGB2, RGB3, CURR41, CURR42, CURR43, CURR1 and CURR2) is
intended to allow dimming not only from 0% to 100% (or 100% to 0%) of currX_current, but also e.g. from 10% to
110% (or 110% to 10%) of currX_current. That means for up dimming the starting current is defined by 0 +
currX_adder and the end current is defined by currX_current + currX_adder.
An overflow of the internal bus (8 Bits wide to the IDAC) has to be avoided by the register settings (currX_current
+ currX_adder must not exceed 255).
pwm_code
7 6 5 4 3 2 1 0
6 bit PWM
to current sink(s)
6 bit PWM
to current sink(s) but analog
currents are divided by 2
0
6 bit PWM
to current sink(s) but analog
currents are divided by 4
0 0
PWM
Modulator
0
currX_current
/2
/4
pwm_code
IDAC
2MHz
CURRX
8
8
Dimming
Ramp
Gen
From serial
Interface
8
adder_currentX
Only for RGB1,2,3
CURR41,42,43
CURR1, CURR2
currX_adder
subX_en
8
8
if pwm_dim_mode = 01 or 10
Adder Logic
I
t
currX_current
I/2
I/4
I/4 with up to
100% duty cycle
next step: I/2 with
50% duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com