Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # C12
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C12 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button C12 Datasheet HTML 3Page - ams-OSRAM AG C12 Datasheet HTML 4Page - ams-OSRAM AG C12 Datasheet HTML 5Page - ams-OSRAM AG C12 Datasheet HTML 6Page - ams-OSRAM AG C12 Datasheet HTML 7Page - ams-OSRAM AG C12 Datasheet HTML 8Page - ams-OSRAM AG C12 Datasheet HTML 9Page - ams-OSRAM AG C12 Datasheet HTML 10Page - ams-OSRAM AG C12 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
5 - 70
5
Characteristics
5.1 Absolute Maximum Ratings
Stresses beyond those listed in Table 1 may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in Section 5
Electrical Characteristics is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Table
1 – Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Note
VIN_HV
15V Pins
-0.3
17
V
Applicable for high-voltage current
sink pins CURR1 and CURR2.
VIN_MV
5V Pins
-0.3
7.0
V
Applicable for 5V pins
VBAT1:VBAT3, VANA1,
CURR30:CURR33; C1_N, C2_N,
C1_P, C2_P, CPOUT; SENSE_N,
SENSE_P, DCDC_FB,
DCDC_GATE; CURR41:CURR43,
RGB1,RGB2,RGB3(VANA2).
VIN_LV
3.3V Pins
-0.3
5.0
V
Applicable for 3.3V pins
VDD_GPIO; GPIO0:GPIO2; GPI;
serial interface pins CLK, DATA;
V2_5; RBIAS, CREF
IIN
Input Pin Current
-25
+25
mA
At 25ºC, Norm: JEDEC 17
Tstrg
Storage Temperature Range
-55
125
ºC
Humidity
5
85
%
Non-condensing
VESD
Electrostatic Discharge
-1000
1000
V
Norm: MIL 883 E Method 3015
1
W
TA = 70 degrees, Tjunction max =
125deg
Pt
Total Power Dissipation
QFN32 5x5
2.5
W
TA = 70 degrees, Tjunction max =
125deg; for 800ms
TBODY
Peak Body Temperature
260
ºC
T = 20 to 40s, in accordance with
IPC/JEDEC J-STD 020C.
5.2
Operating Conditions
Table
2 – Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Note
VHV
High Voltage
0.0
15.0
V
Applicable for high-voltage current
sink pins CURR1 and CURR2.
VBAT
Battery Voltage
3.0
3.6
5.5
VBAT1:VBAT3
VGPIO
Periphery Supply Voltage
1.5
3.3
V
For GPIO and serial interface pins.
V2_5
Voltage on Pin V2_5
2.4
2.5
2.6
V
Internally generated
TAMB
Operating Temperature
Range
-30
25
85
°C
IACTIVE
Battery current
64
130
µA
Normal Operating current – see
section ‘Operating Modes’
(excluding current of the enabled
blocks, e.g. LDOs, DCDC);
interface active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com