Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # C12
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C12 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button C12 Datasheet HTML 10Page - ams-OSRAM AG C12 Datasheet HTML 11Page - ams-OSRAM AG C12 Datasheet HTML 12Page - ams-OSRAM AG C12 Datasheet HTML 13Page - ams-OSRAM AG C12 Datasheet HTML 14Page - ams-OSRAM AG C12 Datasheet HTML 15Page - ams-OSRAM AG C12 Datasheet HTML 16Page - ams-OSRAM AG C12 Datasheet HTML 17Page - ams-OSRAM AG C12 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
12 - 70
7.2
Step Up DC/DC Converter
The DCDC step up converter is only available in the AS3688 version (not available for the AS3688B – marking
‘AS3688B’).
The Step Up DC/DC Converter is a high-efficiency current mode PWM regulator, providing output voltage up to
25V and a load current up to 50mA. A constant switching-frequency results in a low noise on the supply and
output voltages.
Figure
10 – Step Up DCDC Converter Block Diagrammö Option: Current Feedback with Overvoltage protection
TBD: Final Datasheet: Add internal logic with overvoltage detection.
Step Up DC/DC
Converter
C9
4.7µF
C10
1.5nF
Q1
SENSE_N
DCDC_GATE
DCDC_FB
R3
1M
C2
1µF
R2
Battery
D1
L1
10µH
D7
D8
D9
D10
D12
D11
White LEDs,
Backlight
CURR1
CURR2
Current Sinks
each 0.625-40mA
C11
15nF
R4
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com