Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # C12
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C12 Datasheet(HTML) 5 Page - ams-OSRAM AG

  C12 Datasheet HTML 1Page - ams-OSRAM AG C12 Datasheet HTML 2Page - ams-OSRAM AG C12 Datasheet HTML 3Page - ams-OSRAM AG C12 Datasheet HTML 4Page - ams-OSRAM AG C12 Datasheet HTML 5Page - ams-OSRAM AG C12 Datasheet HTML 6Page - ams-OSRAM AG C12 Datasheet HTML 7Page - ams-OSRAM AG C12 Datasheet HTML 8Page - ams-OSRAM AG C12 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
3 - 70
Revision History
Revision
Date
Owner
Description
1.0
30.3.2006
tje,ptr
- Fixed typo for vtuning range
- Corrected full scale value for current sinks from 38.5mA
to 38.25mA (blockdiagram and one overview)
- Typical CP power consumption updated
- Reduced CP effective resistance in 1:2 mode, efficiency,
Vcpout updated, quiescent current consumption
- Efficiency diagram of CP added
- Changed charge pump output capacitor to
1.5uF minimum
- Changed default state for curr_3x_on_cp to 0
- Updated ASIC ID1 and ID2 register position
- Updated LED Testing procedure
- Updated Mode Switching Diagram (and->or)
- Register Map Table updated
- slow LED pattern (bit pattern_slow added)
- GPIO2 current source modified
- polarity control of external overtemp comparator added
- Increased standby current consumption by 2uA
- Added comment to avoid current source on and
0mA setting
- Added comment for preview_off_after strobe
- Removed cp_start_debounce
- Added comment not to use softdim_pattern
for CURR1,CURR2 and CURR3x mode ‘Other’
- Added comment for order of setting of pattern_data
- Changed to ‘Datasheet’ from ‘Preliminary Datasheet’
1.1
23.6.2006
tje,ptr
- Update Application Diagram
- Included AS3688B version (for CURR42, CURR43)
- Improved Current Sink Matching to 8%; added comment
for current sink voltage compliance for accuracy spec
- Updated minimum value C6,C7
- Updated Vrsense* (DCDC step up)
- Replaced ‘FuseReg*’ by their actual default value
- TTOL +/-5°move from min/max to typical value and
removed comment ‘Design Target’
- Added comment about ADC Reference (V2_5)
- Improved voltage compliance of RGB current sinks to
V(CPOUT)
- Removed CSP Version (use austriamicrosystems
AS3689)
- Added ADC Temperature measurement coefficients
- Removed fuse I2C_Add (replace by comment about
factory programmability)
- Added comment in LED test for reduced settling time
for the DCDC step up converter
- Added DCDC efficiency curve
- Added ICP1_1.5 and ICP1_2 max.
- Added VPGIO rising max; and comment for VPOR_VBAT
- Added comment for LDO startup
1.1.1
7.7.2006
tje,ptr
- Added maximum value for IACTIVE
- Added maximum value for ILIMIT
- Reduced ICP1_1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com