Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2020 Datasheet(PDF) 2 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 2 Page - Texas Instruments

  TAS2020 Datasheet HTML 1Page - Texas Instruments TAS2020 Datasheet HTML 2Page - Texas Instruments TAS2020 Datasheet HTML 3Page - Texas Instruments TAS2020 Datasheet HTML 4Page - Texas Instruments TAS2020 Datasheet HTML 5Page - Texas Instruments TAS2020 Datasheet HTML 6Page - Texas Instruments TAS2020 Datasheet HTML 7Page - Texas Instruments TAS2020 Datasheet HTML 8Page - Texas Instruments TAS2020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 79 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 5
5.1 Absolute Maximum Ratings........................................ 5
5.2 ESD Ratings............................................................... 5
5.3 Recommended Operating Conditions.........................5
5.4 Thermal Information....................................................5
5.5 Electrical Characteristics.............................................6
5.6 Timing Requirements..................................................8
5.7 Timing Diagrams ........................................................9
5.8 Typical Characteristics.............................................. 10
6 Detailed Description......................................................14
6.1 Overview................................................................... 14
6.2 Functional Block Diagram......................................... 14
6.3 Device Functional Modes..........................................14
6.4 Feature Description...................................................20
6.5 Programming............................................................ 30
7 Register Maps................................................................ 34
7.1 PAGE 0 Registers..................................................... 35
7.2 PAGE 1 Registers..................................................... 51
7.3 PAGE 2 Registers..................................................... 53
7.4 PAGE 4 Registers..................................................... 56
7.5 PAGE 5 Registers..................................................... 60
7.6 PAGE 6 Registers..................................................... 61
7.7 PAGE 7 Registers..................................................... 63
7.8 PAGE 8 Registers..................................................... 65
7.9 BOOK100 PAGE9 Registers.....................................67
8 Application and Implementation.................................. 68
8.1 Application Information............................................. 68
8.2 Typical Application.................................................... 68
8.3 What to Do and What Not to Do............................... 72
8.4 Power Supply Recommendations.............................72
8.5 Layout....................................................................... 72
9 Device and Documentation Support............................73
9.1 Documentation Support............................................ 74
9.2 Receiving Notification of Documentation Updates....74
9.3 Support Resources................................................... 74
9.4 Trademarks...............................................................74
9.5 Electrostatic Discharge Caution................................74
9.6 Glossary....................................................................74
10 Revision History.......................................................... 74
11 Mechanical, Packaging, and Orderable
Information.................................................................... 74
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
2
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com