Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2020 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 1 Page - Texas Instruments

  TAS2020 Datasheet HTML 1Page - Texas Instruments TAS2020 Datasheet HTML 2Page - Texas Instruments TAS2020 Datasheet HTML 3Page - Texas Instruments TAS2020 Datasheet HTML 4Page - Texas Instruments TAS2020 Datasheet HTML 5Page - Texas Instruments TAS2020 Datasheet HTML 6Page - Texas Instruments TAS2020 Datasheet HTML 7Page - Texas Instruments TAS2020 Datasheet HTML 8Page - Texas Instruments TAS2020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 79 page
background image
TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
1 Features
• Powerful Class-D amplifier
– 3.2W output power @1% THD+N
– 5.5V external PVDD supply
• Best-in-class efficiency
– Up to 93.5% efficiency @ 1% TDH+N power
– 14.7mW idle channel power, noise gate off
– 5.3mW idle channel power, noise gate on
– Integrated 1.8V VDD Y-bridge
• High performance audio channel
– 4.2µV A-wt. idle channel noise, 6dBV gain
– 114.4dB Dynamic Range
– -90dB THD+N
– Low EMI performance with ERC and SSM
– < 1µs chip to chip group delay matching
• Advanced integrated features
– Signal detection high efficiency modes
– High accuracy supply voltage monitor & temp
sensor
• Ease of use features
– HW pin control or I2C based control
– Clock based power up/down
– Auto clock rate detection: 16 to 192kHz
– MCLK free operation
– Thermal and over current protection
• Power Supplies and user interface
– VDD: 1.65V to 1.95V
– IOVDD: 1.8V or 3.3V
– PVDD: 2.5V to 5.5V
– I2S/TDM: 8 channels
• 26-Pin, 0.4mm Pitch, QFN package
2 Applications
• Smart Speakers with Voice Assistance
• Bluetooth and Wireless speakers
• Building Automation
• Tablets, Wearables
• Laptop, Desktop Computers
3 Description
The TAS2020 is a mono, digital input Class-D audio
amplifier designed for efficiently driving high peak
power into loudspeakers.
TAS2020 is optimized to deliver best battery life
for real-use cases of music playback and voice
calls. Advanced efficiency optimization features like
Y-bridge, and other algorithms enable the device
to produce best-in-class efficiency across all power
regions of operation. The Class-D amplifier is capable
of delivering 3.2W output power using external PVDD
supply.
Up to four devices can share a common bus via
I2S/TDM and I2C interfaces. TAS2020 also supports
HW pin based pre-defined controls that can configure
the device for desired mode of operation without
requiring any I2C controls.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE (2)
TAS2020
QFN
4mm × 3.5mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
Digital
Audio
Interface
Control
Interface
Clocking
Device
Protections
Power
Management
Digital Core
Monitor
ADC
PVDD and Temp
Monitor
Efficiency
Algos
Filters / Control
PVDD
TEMP
PVDD
OUT_P
OUT_N
DREG
GREG
SBCLK
FSYNC
SDIN
SDOUT
SEL4_ADDR
SEL3_SDA
SEL2_SCL
GND
PGND
SDZ
IRQZ
Class-D
Amp
VDD
IOVDD
SEL1
Functional block diagram
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TAS2020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2110 TI1-TAS2110 Datasheet
1Mb / 101P
TAS2110 6.1-W Digital Input Audio Class-D Amplifier With Integrated 11-V Class-H Boost
TAS2110RPPR TI1-TAS2110RPPR Datasheet
1Mb / 101P
TAS2110 6.1-W Digital Input Audio Class-D Amplifier With Integrated 11-V Class-H Boost
TAS2110RPPT TI1-TAS2110RPPT Datasheet
1Mb / 101P
TAS2110 6.1-W Digital Input Audio Class-D Amplifier With Integrated 11-V Class-H Boost
TAS2120 TI-TAS2120 Datasheet
1Mb / 63P
TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
AUGUST 2024
TAS2120 TI2-TAS2120 Datasheet
2Mb / 113P
TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
REVISED AUGUST 2025
More results

Similar Description - TAS2020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98314_1111 MAXIM-MAX98314_1111 Datasheet
2Mb / 14P
Mono 3.2W Class D Amplifier with Integrated Input Coupling Capacitors
Rev 0; 11/11
logo
Wolfson Microelectronic...
WM9082 WOLFSON-WM9082 Datasheet
563Kb / 24P
PDM Input Mono 3W Class D Speaker Driver
logo
Texas Instruments
TAS2505 TI-TAS2505 Datasheet
463Kb / 30P
Digital Input Mono Speaker Amp
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
logo
TEXAS ADVANCED OPTOELEC...
TAS2521 TAOS-TAS2521 Datasheet
1Mb / 35P
Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
logo
Diodes Incorporated
PAM8014 DIODES-PAM8014 Datasheet
706Kb / 9P
3.2W MONO CLASS D AUDIO AMPLIFIER
Rev 1
logo
Nuvoton Technology Corp...
NAU82039 NUVOTON-NAU82039 Datasheet
788Kb / 18P
3.2W Mono Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TAS2764 TI-TAS2764 Datasheet
3Mb / 107P
TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
TAS2780 TI-TAS2780 Datasheet
3Mb / 96P
TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
SLOSE75 ??NOVEMBER 2021
TAS2780 TI-TAS2780_V01 Datasheet
2Mb / 97P
TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
REVISED JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com