Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2020 Datasheet(PDF) 76 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 71Page - Texas Instruments TAS2020 Datasheet HTML 72Page - Texas Instruments TAS2020 Datasheet HTML 73Page - Texas Instruments TAS2020 Datasheet HTML 74Page - Texas Instruments TAS2020 Datasheet HTML 75Page - Texas Instruments TAS2020 Datasheet HTML 76Page - Texas Instruments TAS2020 Datasheet HTML 77Page - Texas Instruments TAS2020 Datasheet HTML 78Page - Texas Instruments TAS2020 Datasheet HTML 79Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 76 / 79 page
background image
www.ti.com
PACKAGE OUTLINE
3.6
3.4
4.1
3.9
1.0
0.8
0.05
0.00
2X 2
18X 0.4
4X 0.55
2X 1.6
4X 0.5
22X
0.25
0.15
4X
0.7
0.5
4X
0.7
0.5
8X
0.35
0.25
12X
0.5
0.3
0.753
0.553
4X
0.7
0.5
0.65
0.45
(0.2) TYP
VQFN-HR - 1 mm max height
RBG0026A
PLASTIC QUAD FLATPACK - NO LEAD
4230415/B 03/2024
0.08 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
(45 X 0.1)
PKG
PKG
1
8
9
13
14
21
22
26
PINS 9, 10, 12 & 23
PINS 11, 13, 22, 25 & 26
0.1
C A B
0.05
C
0.1
C A B
0.05
C
SCALE 3.500
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com