Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2020 Datasheet(PDF) 59 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 55Page - Texas Instruments TAS2020 Datasheet HTML 56Page - Texas Instruments TAS2020 Datasheet HTML 57Page - Texas Instruments TAS2020 Datasheet HTML 58Page - Texas Instruments TAS2020 Datasheet HTML 59Page - Texas Instruments TAS2020 Datasheet HTML 60Page - Texas Instruments TAS2020 Datasheet HTML 61Page - Texas Instruments TAS2020 Datasheet HTML 62Page - Texas Instruments TAS2020 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 79 page
background image
Table 7-73. BOP_HLD_COUNT Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
BOP_HLD_COUNT[23:0]
R/W
5DC0h
Addresses 0x5C to 0x5E are combined. Can be configured using the
PPC3 Software.
7.4.14 BOP_THR_LVL Register (Address = 60h) [Reset = 0B9999h]
Return to the Summary Table.
Brown Out Protection Set Threshold Level
Table 7-74. BOP_THR_LVL Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
BOP_THR_LVL[23:0]
R/W
B9999h
Addresses 0x60 to 0x62 are combined. Can be configured using the
PPC3 Software.
7.4.15 BOSD_THR_LVL Register (Address = 64h) [Reset = 0ACCCCh]
Return to the Summary Table.
Brown Out Protection ShutDown Set Threshold Level
Table 7-75. BOSD_THR_LVL Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
BOSD_THR_LVL[23:0]
R/W
ACCCCh
Addresses 0x64 to 0x66 are combined. Can be configured using the
PPC3 Software.
7.4.16 DEV_PERF_TUNING_01 Register (Address = 74h) [Reset = 079BCCh]
Return to the Summary Table.
Device performance tuning register
Table 7-76. DEV_PERF_TUNING_01 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
DEV_PERF_TUNING_01[
23:0]
R/W
79BCCh
Addresses 0x74 to 0x76 are combined. Can be configured using the
PPC3 Software.
7.4.17 DEV_PERF_TUNING_02 Register (Address = 78h) [Reset = 000034h]
Return to the Summary Table.
Device performance tuning register
Table 7-77. DEV_PERF_TUNING_02 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
DEV_PERF_TUNING_02[
23:0]
R/W
34h
Addresses 0x78 to 0x7A are combined. Can be configured using the
PPC3 Software.
www.ti.com
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com