Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2020 Datasheet(PDF) 28 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 24Page - Texas Instruments TAS2020 Datasheet HTML 25Page - Texas Instruments TAS2020 Datasheet HTML 26Page - Texas Instruments TAS2020 Datasheet HTML 27Page - Texas Instruments TAS2020 Datasheet HTML 28Page - Texas Instruments TAS2020 Datasheet HTML 29Page - Texas Instruments TAS2020 Datasheet HTML 30Page - Texas Instruments TAS2020 Datasheet HTML 31Page - Texas Instruments TAS2020 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
If the sample rate is properly configured via the SAMPLE_RATE_CFG bits, no additional configuration is
required as long as the SBCLK to FSYNC ratio is valid. The device automatically detects the input PCM FSYNC
and BCLK frequency and auto configures itself to playback audio signal. The detected clock rates can be read
using the read only registers FS_RATIO_DETECTED and FS_RATE_DETECTED. The device detects improper
SBCLK frequencies and SBCLK to FSYNC ratios and volume ramp down the playback path to minimize audible
artifacts.
Table 6-23. Supported SBCLK Frequencies (MHz) (48kHz based sample rates)
Sample
Rate (kHz)
SBCLK to FSYNC Ratio
16
24
32
48
64
96
128
192
256
384
512
125
250
500
16kHz
NA
0.384
0.512
0.768
1.024
1.536
2.048
3.072
4.096
6.144
8.192
2
4
8
24kHz
0.384
0.576
0.768
1.152
1.536
2.304
3.072
4.608
6.144
9.216
12.288
3
6
12
32kHz
0.512
0.768
1.024
1.536
2.048
3.072
4.096
6.144
8.192
12.288 16.384
4
8
16
48kHz
0.768
1.152
1.536
2.304
3.072
4.608
6.144
9.216
12.288 18.432 24.576
6
12
24
96kHz
1.536
2.304
3.072
4.608
6.144
9.216
12.288 18.432 24.576
NA
NA
12
24
NA
192kHz
3.027
4.608
6.144
9.216
12.288 18.432 24.576
NA
NA
NA
NA
24
NA
NA
6.4.5.1 Auto clock based wakeup and clock errors
TAS2020 supports flexible operating mode transition from active to shutdown and vice-verse using ASI clock
auto detection feature. When MODE[1:0] is configured as '11' the device toggles between Active and Software
shutdown state based on valid ASI clock signals applied on the ASI input pins, for example BCLK and FSYNC.
If no ASI clocks are detected in this mode, the device remains in software shutdown, with software shutdown
mode IQ on VDD pin, until a valid BCLK and FSYNC clock is detected. Once a valid clock is detected, the
device is powered up in active state until the clocks are valid or device is shutdown using software or hardware
shutdown commands.
The device can detect and raise interrupt flags on detection of incorrect clock configurations based on status of
CLK_ERR_PWR_EN. When this bit is set high, the device monitors for activity on the clock pins and flags any
error using the latched interrupts status register. The device can also raise interrupts using IRQZ pin based on
status of the corresponding interrupt MASK registers. When the error protection bit is enabled, if a clock error
is detected, the device automatically shuts-down with proper shutdown sequencing and minimize any clicks and
pops due to invalid clocks.
When the device is in shutdown state, the clock error detection can be delayed to provide system with time
required to settle the input clocks. This power up delay in clock error detection is controlled using an internal
pre-power up clock error detection timer configured by CLK_HALT_TIMER. If device does not detect a valid
clock at the end of the CLK_HALT_TIMER expiry, the Pre-Power-up Clock error is flagged on INT_LTCH4[2]
bit, and corresponding interrupt can be generated on IRQZ pin based on status of INT_MASK4[2] bit. When
MODE[1:0] is configured as '11' (Wake-up on ASI mode), CLK_HALT_TIMER of '000' is not recommended and
MODE[1:0] stops the device from entering the software shutdown and increases the VDD IQ while the device is
shutdown.
Once the device is powered up, the external and internally generated clocks are constantly monitored based on
status of CLK_ERR_PWR_EN bit. If enabled, any error in external or internal clock is flagged using the clock
error status register INT_LTCH2[3] bit, and corresponding interrupt can be generated on IRQZ pin based on
status of INT_MASK2[3].
For system flexibility, the device also sets the error status for the type of detected clock error. The device
can also be configured to raise an interrupt on IRQZ pin for any specific type of clock error, instead of using
the generic clock error interrupt generation. Table 6-26 below explains the different type of clock errors and
corresponding status bits and interrupt MASK register bits. One or more register bits in the table below can be
set based on the type of clock error detected.
If the device shuts down due to any type of clock error, the device can attempt to re-power itself automatically
when MODE[1:0] is set to '11'.
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
28
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com