Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2020 Datasheet(PDF) 71 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 67Page - Texas Instruments TAS2020 Datasheet HTML 68Page - Texas Instruments TAS2020 Datasheet HTML 69Page - Texas Instruments TAS2020 Datasheet HTML 70Page - Texas Instruments TAS2020 Datasheet HTML 71Page - Texas Instruments TAS2020 Datasheet HTML 72Page - Texas Instruments TAS2020 Datasheet HTML 73Page - Texas Instruments TAS2020 Datasheet HTML 74Page - Texas Instruments TAS2020 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 79 page
background image
8.2.2 Detailed Design Procedure
8.2.2.1 Mono/Stereo Configuration
In this application, the device is assumed to be operating in mono mode. See Section 6.5.2 for information
on changing the I2C address of the TAS2020 to support stereo or multi-channel operation. Mono or stereo
configuration does not impact the device performance.
8.2.2.2 EMI Passive Devices
The TAS2020 supports edge-rate control to minimize EMI, but the system designer can want to include passive
devices on the Class-D output for further reduction in EMI . These passive devices that are labeled L2, L3, C10
and C11 in Section 8.2. If C10 and C11 are used, L2 and L3 must also be installed, and C10 and C11 must be
placed after L2 and L3 respectively to maintain the stability of the output stage.
The component value selection for the EMI filters depends on the application need on the frequency band that
needs to be suppressed using these filters. Higher cutoff frequency helps in reducing the BOM size and reduces
the switching power loss associated with the filters. Application must select the highest cutoff frequency filter
which meets the system's frequency suppression target to get better efficiency performance.
The DC resistance of the inductors or ferrite beads used in the EMI filters also plays a critical role in system
efficiency. Lower resistance reduces power loss and helps in improving overall system efficiency. Based on
available board space, smallest DC resistance components which meet the application needs and gives better
efficiency performance.
8.2.2.3 Miscellaneous Passive Devices
The GREG Capacitor requires 100nF to meet Class-D power delivery and efficiency specs. For device
functionality, the GREG capacitor should be kelvin/star connected to PVDD pin of the device.
In order to maintain the device performance and keep the supply ripple within the device specification,
minimizing the parasitic inductance on supply/ground paths for decoupling capacitors is required. All supply
decapacitors should be selected as smallest package footprint to minimize the ESL of the capacitors. The layout
placement and routing of the capacitors is critical for minimizing the trace parasitic inductance. Refer to Layout
section (Section 8.5.1) to get detailed recommendations.
8.2.3 Application Performance Plots
TA = 25℃, PVDD = 5V, VDD = 1.8V, IOVDD = 1.8V, RL = 8Ω + 33μH, Fin = 1kHz, Fs = 48kHz, Gain = 12dBV,
SDZ=1, Noise gate mode disabled, Measured on EVM with typical application use case (Section 8.2). Measured
filter free with an Audio Precision with a 22Hz to 20kHz un-weighted bandwidth, unless otherwise noted.
Output Power (W)
0.001
0.01 0.02 0.05 0.1 0.2
0.5
1
2 3 4 5
5
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
PVDD = 2.5 V
PVDD = 3.6 V
PVDD = 4.4 V
PVDD = 5 V
PVDD = 5.5 V
Figure 8-2. THDN vs Output Power
Output Power (W)
0.001
0.005
0.02
0.05 0.1 0.2
0.5
1
2 33.5
0
10
20
30
40
50
60
70
80
90
100
PVDD = 2.5 V
PVDD = 3.6 V
PVDD = 4.4 V
PVDD = 5 V
PVDD = 5.5 V
Figure 8-3. Efficiency vs Output Power
www.ti.com
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com