Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2020 Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 6Page - Texas Instruments TAS2020 Datasheet HTML 7Page - Texas Instruments TAS2020 Datasheet HTML 8Page - Texas Instruments TAS2020 Datasheet HTML 9Page - Texas Instruments TAS2020 Datasheet HTML 10Page - Texas Instruments TAS2020 Datasheet HTML 11Page - Texas Instruments TAS2020 Datasheet HTML 12Page - Texas Instruments TAS2020 Datasheet HTML 13Page - Texas Instruments TAS2020 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
FSYNC
SBCLK
tH(SBCLK)
tL(SBCLK)
tr(SBCLK)
tf(SBCLK)
tSU(FSYNC)
tHLD(FSYNC)
tSU(SDIN)
tHLD(SDIN)
td(SDO-FSYNC)
td(SBCLK_SDOUT)
SDIN
SDOUT
Figure 5-2. I2S/TDM timing diagram
5.8 Typical Characteristics
TA = 25°C, PVDD = 5V, VDD = 1.8V, IOVDD = 1.8V, Fin = 1kHz, Fs = 48kHz, Gain = 12dBV, SDZ = 1,
Noise gate disabled, I2C mode of operation, Measured filter free with an Audio Precision using 22Hz to 20kHz
un-weighted bandwidth (unless otherwise noted).
Output Power (W)
0.001
0.01 0.02 0.05 0.1 0.2
0.5
1
2 3 4 5
5
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
PVDD = 2.5 V
PVDD = 3.6 V
PVDD = 4.4 V
PVDD = 5 V
PVDD = 5.5 V
RL = 8Ω
Figure 5-3. THD+N vs Output Power
Output Power (W)
0.001
0.01 0.02 0.05 0.1 0.2
0.5
1
2 3 4 5
5
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
PVDD = 2.5 V
PVDD = 3.6 V
PVDD = 4.4 V
PVDD = 5 V
PVDD = 5.5 V
RL = 4Ω
Figure 5-4. THD+N vs Output Power
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
10
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com