Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2020 Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 7Page - Texas Instruments TAS2020 Datasheet HTML 8Page - Texas Instruments TAS2020 Datasheet HTML 9Page - Texas Instruments TAS2020 Datasheet HTML 10Page - Texas Instruments TAS2020 Datasheet HTML 11Page - Texas Instruments TAS2020 Datasheet HTML 12Page - Texas Instruments TAS2020 Datasheet HTML 13Page - Texas Instruments TAS2020 Datasheet HTML 14Page - Texas Instruments TAS2020 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
Output Power (W)
0.001
0.01 0.02 0.05 0.1 0.2
0.5
1
2 3 4 5
5
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
PVDD = 2.5 V
PVDD = 3.6 V
PVDD = 4.4 V
PVDD = 5 V
PVDD = 5.5 V
RL = 8Ω
HW Pin Control
Figure 5-5. THD+N vs Output Power
Output Power (W)
0.001
0.01 0.02 0.05 0.1 0.2
0.5
1
2 3 4 5
5
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
PVDD = 2.5 V
PVDD = 3.6 V
PVDD = 4.4 V
PVDD = 5 V
PVDD = 5.5 V
RL = 4Ω
HW Pin Control
Figure 5-6. THD+N vs Output Power
Frequency (Hz)
20 30 50 70100 200
500 1000 2000
5000 1000020000
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
Pout = 0.1W
Pout = 0.5W
Pout = 1W
RL = 8Ω
Figure 5-7. THD+N vs Frequency
Frequency (Hz)
20 30 50 70100 200
500 1000 2000
5000 1000020000
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
Pout = 0.1W
Pout = 0.5W
Pout = 1W
Pout = 2W
RL = 4Ω
Figure 5-8. THD+N vs Frequency
Output Power (W)
0.001
0.005
0.02
0.05 0.1 0.2
0.5
1
2 33.5
0
10
20
30
40
50
60
70
80
90
100
PVDD = 2.5 V
PVDD = 3.6 V
PVDD = 4.4 V
PVDD = 5 V
PVDD = 5.5 V
RL = 8Ω
Figure 5-9. Efficiency vs Output Power
Output Power (W)
0.001
0.005
0.02
0.05 0.1 0.2
0.5
1
2 33.5
0
10
20
30
40
50
60
70
80
90
100
PVDD = 2.5 V
PVDD = 3.6 V
PVDD = 4.4 V
PVDD = 5 V
PVDD = 5.5 V
RL = 4Ω
Figure 5-10. Efficiency vs Output Power
www.ti.com
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com