Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2020 Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 3Page - Texas Instruments TAS2020 Datasheet HTML 4Page - Texas Instruments TAS2020 Datasheet HTML 5Page - Texas Instruments TAS2020 Datasheet HTML 6Page - Texas Instruments TAS2020 Datasheet HTML 7Page - Texas Instruments TAS2020 Datasheet HTML 8Page - Texas Instruments TAS2020 Datasheet HTML 9Page - Texas Instruments TAS2020 Datasheet HTML 10Page - Texas Instruments TAS2020 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
TA = 25°C, PVDD = 5V, VDD = 1.8V, IOVDD = 1.8V, RL = 8Ω + 33µH, Fin = 1kHz, Fs = 48kHz, SDZ=1, Noise gate disabled,
Class-D edge rate set to 2V/ns, I2C mode of operation, Measured filter free with an Audio Precision using 22Hz to 20kHz
un-weighted bandwidth (unless otherwise noted).(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PCM Playback Characteristics to fs ≤ 48kHz
Fs
Sample Rates
16
48
kHz
Audio Channel Passband LPF Corner
Ripple < pass-band ripple
0.454
fs
Audio Channel Passband Ripple
20Hz to LPF cutoff
± 0.1
dB
Audio Channel Stop Band Attenuation
≥ 0.55fs
60
dB
≥ 1fs
65
dB
Audio Channel Group Delay
Fin = 1kHz, Lowest latency mode (Noise
gate disabled)
8.5
1/fs
Fin = 1kHz
16.5
1/fs
DC to 20kHz, Lowest latency mode (HPF
bypassed, Noise gate disabled)
13
1/fs
DC to 20kHz, HPF bypassed
21
1/fs
PCM Playback Characteristics to fs > 48kHz
Fs
Sample Rates
88.2
192
kHz
Audio Channel Passband LPF Corner
fs = 96kHz
0.469
fs
fs = 192kHz
0.234
fs
Audio Channel Passband Ripple
20Hz to LPF cutoff
± 0.2
dB
Audio Channel Stop Band Attenuation
fs = 96kHz, fin ≥ 0.55fs
60
dB
fs = 96kHz, fin ≥ 1fs
65
dB
fs = 192kHz, 0.55fs ≥ fin ≥ 0.275fs
60
dB
Audio Channel Group Delay
Fin = 1kHz, Fs = 96kHz, Lowest latency
mode (Noise gate disabled)
11
1/fs
Fin = 1kHz, Fs = 96kHz
6.7
1/fs
DC to 20kHz, Fs = 96kHz, Lowest latency
mode (Noise gate disabled)
11.5
1/fs
DC to 40kHz, Fs=96kHz, HPF bypassed
28.6
1/fs
Protection Circuits
Thermal shutdown temperature
140
°C
Thermal shutdown retry time
1.5
s
VDD undervoltage lockout threshold
(UVLO)
UVLO is asserted
1.4
V
UVLO is released
1.6
V
PVDD undervoltage lockout threshold
(UVLO)
UVLO is asserted
2.6
V
UVLO is released
2.8
V
PVDD overvoltage lockout threshold
(OVLO)
OVLO is asserted, OVLO protection
enabled.
16
V
Output Short circuit protection
Output to Output, Output to GND, Output
to Supply, H-bridge mode
5.3
A
Power up/down Time
TSTDBY
Turn ON time from SDZ Asserted to
device ready for I2C Command
300
us
TACTIVE
Turn ON time from release of Software
Shutdown to Amplifier output Active
Volume ramping disabled
1.6
ms
Volume ramping enabled
3.9
ms
TTURNOFF
Turn OFF time from assertion of Software
Shutdown to Amplifier output Hi-Z
Volume ramping disabled
0.2
ms
Volume ramping enabled
13.9
ms
Current Consumption
www.ti.com
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com