Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2020 Datasheet(PDF) 21 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 17Page - Texas Instruments TAS2020 Datasheet HTML 18Page - Texas Instruments TAS2020 Datasheet HTML 19Page - Texas Instruments TAS2020 Datasheet HTML 20Page - Texas Instruments TAS2020 Datasheet HTML 21Page - Texas Instruments TAS2020 Datasheet HTML 22Page - Texas Instruments TAS2020 Datasheet HTML 23Page - Texas Instruments TAS2020 Datasheet HTML 24Page - Texas Instruments TAS2020 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
The digital voltage control registers DVC_LEVEL and DVC_SLEW_RATE registers can be configured using the
PPC3 Software Section 6.4.1.
Table 6-14. Digital Volume Control
DVC_LEVEL[23:0]
VOLUME (dB)
0x000000
Software MUTE
0x00000D (MIN)
-110
...
...
0x400000
0 (default)
...
...
0x7FB261 (MAX)
6
Table 6-15. Digital Volume Ramp Rate
DVC_SLEW_RATE[23:0]
RAMP RATE @ 48kHz (s)
0x00036A
1000ms
...
0x034A51
4ms (default)
...
0x7FFFFF
0 - Ramp disabled
6.4.2.2 High Pass Filter
Excessive DC and low frequency content in audio playback signal can damage loudspeakers. The playback path
employs a high-pass filter (HPF) to prevent this from occurring. The HPF is a 1st order filter and can be changed
from the default 2Hz for 48ksps fs using the AUDIO_HPF_N0, AUDIO_HPF_N1, AUDIO_HPF_D1 registers. The
HPF filter frequency scales with change in the FSYNC clock and can be re-configured to achieve the required
cutoff frequency for different FSYNC clock frequencies. The coefficients can also be changed to disable the HPF
coefficients appropriately. These coefficients should be calculated and set using PPC3 Software Section 6.4.1.
6.4.2.3 Class-D Amplifier
TAS2020 has integrated high performance class-D amplifier with low idle channel noise, low distortion and high
PSRR. The Class-D amplifier switches on a clock frequency derived from the SBCLK frequency and is always
synchronized to the input clock source. The SAMP_RATE_CFG register enables selection between input clock
source based out of multiple of 44.1kHz vs 48kHz multiples.
Table 6-16. Sample rate configuration
SAMP_RATE_CFG
Configuration
0 (default)
Audio data rate is multiple/sub-
multiple of 48ksps
1
Audio data rate is multiple/sub-
multiple of 44.1ksps
For improvements in EMI performance the class-D amplifier supports programmable Edge rate control (ERC)
and class-D clock spread spectrum modulation (SSM).
The edge rate of class-D can be controlled using CLASSD_OUTPUT_EDGERATE_CTRL[1:0] register. By
default the class-D output edge rate is configured to fastest setting to enable high efficiency in the system.
The class-D output edge rate can be slowed down using other configuration settings to reduce the EMI energy
at high frequency with reduction in efficiency. The exact rate of change of output edge rate varies based on
output load conditions, and the values mentioned in the tables below are approximate edge rate levels for default
loading conditions.
www.ti.com
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com