Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2020 Datasheet(PDF) 41 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 37Page - Texas Instruments TAS2020 Datasheet HTML 38Page - Texas Instruments TAS2020 Datasheet HTML 39Page - Texas Instruments TAS2020 Datasheet HTML 40Page - Texas Instruments TAS2020 Datasheet HTML 41Page - Texas Instruments TAS2020 Datasheet HTML 42Page - Texas Instruments TAS2020 Datasheet HTML 43Page - Texas Instruments TAS2020 Datasheet HTML 44Page - Texas Instruments TAS2020 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 79 page
background image
Table 7-16. TDM_CFG11 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5-0
PVDD_SLOT[5:0]
R/W
6h
TDM TX PVDD time slot.
7.1.16 TDM_CFG12 Register (Address = 13h) [Reset = 12h]
Return to the Summary Table.
This register configures device TDM modes.
Table 7-17. TDM_CFG12 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
AUDIO_SLEN
R/W
0h
TDM audio slot length
0h = 16-bits
1h = 24-bits
6
AUDIO_TX
R/W
0h
TDM audio output transmit is
0h = Disabled
1h = Enabled
5-0
AUDIO_SLOT[5:0]
R/W
12h
TDM TX status time slot.
7.1.17 TDM_DET Register (Address = 14h) [Reset = 7Fh]
Return to the Summary Table.
Readback of internal auto clock detection.
Table 7-18. TDM_DET Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
0h
Reserved
6-3
FS_RATIO_DETECTED[3:
0]
R
Fh
Detected SBCLK to FSYNC ratio.
0h = 16
1h = 24
2h = 32
3h = 48
4h = 64
5h = 96
6h = 128
7h = 192
8h = 256
9h = 384
Ah = 512
Bh = 125
Dh = 500
Eh = Reserved
Fh = Invalid ratio
2-0
FS_RATE_DETECTED[2:
0]
R
7h
Detected sample rate of TDM bus.
0h = Reserved
1h = 14.7/16KHz
2h = 22.05/24KHz
3h = 29.4/32KHz
4h = 44.1/48KHz
5h = 88.2/96kHz
6h = 176.4/192kHz
7h = Error condition
7.1.18 BOP_CFG_0 Register (Address = 18h) [Reset = 00h]
Return to the Summary Table.
www.ti.com
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com