Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2020 Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 2Page - Texas Instruments TAS2020 Datasheet HTML 3Page - Texas Instruments TAS2020 Datasheet HTML 4Page - Texas Instruments TAS2020 Datasheet HTML 5Page - Texas Instruments TAS2020 Datasheet HTML 6Page - Texas Instruments TAS2020 Datasheet HTML 7Page - Texas Instruments TAS2020 Datasheet HTML 8Page - Texas Instruments TAS2020 Datasheet HTML 9Page - Texas Instruments TAS2020 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 79 page
background image
THERMAL METRIC(1)
Standard JEDEC(2)
UNIT
HR-QFN
26 PINS
ΨJB
Junction-to-board characterization parameter
15.2
℃/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
JEDEC Standard 4 Layer PCB
5.5 Electrical Characteristics
TA = 25°C, PVDD = 5V, VDD = 1.8V, IOVDD = 1.8V, RL = 8Ω + 33µH, Fin = 1kHz, Fs = 48kHz, SDZ=1, Noise gate disabled,
Class-D edge rate set to 2V/ns, I2C mode of operation, Measured filter free with an Audio Precision using 22Hz to 20kHz
un-weighted bandwidth (unless otherwise noted).(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AMPLIFIER PERFORMANCE
POUT_EXT
_PVDD
Maximum Output Power - 1% THD+N
RL = 8Ω + 33 µH
1.8
W
RL = 4Ω + 33 µH
3.2
W
ηSYSTEM_
EXT_1W
System Efficiency at POUT = 1.0W
RL = 8Ω + 33 µH
91
%
RL = 4Ω + 33 µH
89
%
ηSYSTEM_
EXT_MAX_
POUT
System Efficiency at 1% THD+N power
Level
RL = 8Ω + 33 µH
93.5
%
RL = 4Ω + 33 µH
90.4
%
VN_EXT
Idle channel Noise
A-Weighted, Gain = 21dBV (Speaker
Mode), DAC-Running
14.2
µV
DNR_EX
T
Dynamic Range
A-Weighted, -60dBFS Method, RL = 8Ω +
33 µH
114.4
dB
THD+N_
EXT
Total Harmonic distortion + Noise
POUT = 1W, RL = 8Ω + 33 µH
0.003
%
POUT = 1W, RL = 4Ω + 33 µH
0.004
%
KCP_EXT Click and pop performance
All dynamic power up/downs of audio
channel except for faults. Includes In/Out
of Mute, Power Up and power Down,
Noise Gate mode entry and Exit.
Measured at Peak A-weighted Voltage.
RL = 8Ω + 33 µH, Input = Digital Silience
–68
dBV
VOS_EX
T
Output Offset Voltage
Idle channel
–1
1
mV
PSRRPV
DD_EXT
PVDD power-supply rejection ratio
PVDD + 200mVpp, fripple = 217Hz
119
dB
PVDD + 200mVpp, fripple = 1kHz
115
dB
PVDD + 200mVpp, fripple = 20kHz
91
dB
PSRRVD
D_EXT
VDD power-supply rejection ratio
VDD + 200mVpp, fripple = 217Hz
113
dB
VDD + 200mVpp, fripple = 1kHz
113
dB
VDD + 200mVpp, fripple = 20kHz
91
dB
TDM Serial Port
PCM Sample Rates and FSYNC Input
Frequency
16
192
kHz
SBCLK Input Frequency
I2S/TDM Operation
0.512
24.57
MHz
SBCLK Maximum Input Jitter
RMS Jitter below 40kHz that can
be tolerated without performance
degradation
0.5
ns
RMS Jitter above 40kHz that can
be tolerated without performance
degradation
5
ns
SBCLK Cycles per FSYNC in I2S and
TDM Modes
Values: 64, 96, 128, 192, 256, 384 and
512
64
512
Cycles
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
6
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com