Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2020 Datasheet(PDF) 13 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 9Page - Texas Instruments TAS2020 Datasheet HTML 10Page - Texas Instruments TAS2020 Datasheet HTML 11Page - Texas Instruments TAS2020 Datasheet HTML 12Page - Texas Instruments TAS2020 Datasheet HTML 13Page - Texas Instruments TAS2020 Datasheet HTML 14Page - Texas Instruments TAS2020 Datasheet HTML 15Page - Texas Instruments TAS2020 Datasheet HTML 16Page - Texas Instruments TAS2020 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 79 page
background image
Frequency (Hz)
20 30 50 70100 200
500 1000 2000
5000 1000020000
60
65
70
75
80
85
90
95
100
105
110
115
120
125
130
VDD = 1.8V
RL = 8Ω
Figure 5-17. VDD PSRR vs Frequency
Frequency (Hz)
20 30 50 70100 200
500 1000 2000
5000 1000020000
60
65
70
75
80
85
90
95
100
105
110
115
120
125
130
PVDD = 5V
RL = 8Ω
Figure 5-18. PVDD PSRR vs Frequency
VDD (V)
1.65
1.68
1.71
1.74
1.77
1.8
1.83
1.86
1.89
1.92
1.95
0
1
2
3
4
5
6
7
8
9
10
Noise gate disabled
Noise gate enabled
RL = 8Ω
Figure 5-19. Idle channel current vs VDD voltage
PVDD (V)
2.5
3
3.5
4
4.5
5
5.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Noise gate disabled
Noise gate enabled
RL = 8Ω
Figure 5-20. Idle channel current vs PVDD voltage
www.ti.com
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com