Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2020 Datasheet(PDF) 24 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 20Page - Texas Instruments TAS2020 Datasheet HTML 21Page - Texas Instruments TAS2020 Datasheet HTML 22Page - Texas Instruments TAS2020 Datasheet HTML 23Page - Texas Instruments TAS2020 Datasheet HTML 24Page - Texas Instruments TAS2020 Datasheet HTML 25Page - Texas Instruments TAS2020 Datasheet HTML 26Page - Texas Instruments TAS2020 Datasheet HTML 27Page - Texas Instruments TAS2020 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 79 page
background image
When SUPPLY_HEADROOM_LIM_MODE is set low, the limiter begins reducing gain when the output signal
level is greater than the limiter threshold. The limiter can be configured to track selected supply below a
programmable inflection point with a minimum threshold value. Figure 6-4below shows the limiter configured to
limit to a constant level regardless of the selected supply level. To achieve this behavior, set the limiter maximum
threshold to the desired level using LIM_TH_MAX[23:0]. Set the limiter inflection point using LIM_INF_PT[23:0]
below the minimum allowable supply setting. The limiter minimum threshold register LIM_TH_MIN[23:0] does not
impact limiter behavior in this use case.
VSUP (V)
BOP_TH
Brown
Out
LIM_TH_MAX
Figure 6-4. Limiter with Fixed Threshold
Figure 6-5 shows how to configure the limiter to track selected supply below a threshold without a minimum
threshold. Set the LIM_TH_MAX[23:0] register to the desired threshold and LIM_INF_PT[23:0] register to
the desired inflection point where the limiter begins to reduce the threshold with the selected supply. The
LIM_SLOPE[23:0] register bits can be used to change the slope of the limiter tracking the supply voltage in V/V.
For example, a slope value of 1V/V reduces the limiter threshold 1V for every 1V of drop in the supply voltage.
Program the LIM_TH_MIN[23:0] below the minimum of the selected supply to prevent the limiter from having a
minimum threshold reduction when tracking the selected supply.
VSUP (V)
BOP_TH
Brown
Out
LIM_TH_MAX
slope
LIM_INF_PT
Inflection
Point
Figure 6-5. Limiter with Inflection Point
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
24
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com