Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2ME Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RZ/T2ME
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2ME Datasheet(HTML) 3 Page - Renesas Technology Corp

  RZ/T2ME Datasheet HTML 1Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 2Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 3Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 4Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 5Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 6Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 7Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 8Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 116 page
background image
Table 1.3
System
Feature
Functional description
Operating modes
The operating mode can be selected from the following seven boot modes:
● xSPI0 boot mode (CS0 × 1 boot Serial Flash)
● xSPI0 boot mode (CS0 × 8 boot Serial Flash)
● 16-bit bus boot mode (CS0 NOR Flash)
● 32-bit bus boot mode (CS0 NOR Flash)
● xSPI1 boot mode (CS0 × 1 boot Serial Flash)
● SCI boot mode
● USB boot mode
Clock generation circuit
● The input clock can be selected from an external clock or external resonator.
● Detection of input clock oscillation stopping
● The following clocks are generated:
– CPU0 clock: System clock x1, x2 or x4
– CPU1 clock: System clock x1, x2 or x4
– System clock: 150 or 200 MHz
– High-speed peripheral module clock: 150 or 200 MHz
– Middle-speed peripheral module clock: 75 or 100 MHz
– Low-speed peripheral module clock: 37.5 or 50 MHz
– ADC clock in the 12-bit A/D converter: 18.75 or 25 MHz
– External bus clock: 100 MHz (max.)
– Low-speed on-chip oscillator: 240 kHz (fixed)
Reset
RES# pin reset, software reset, error reset, CPU0 software reset, CPU1 software reset
Low-power consumption function
● Standby mode (Cortex-R52)
● Module stop function
Interrupt controller (ICU)
● Connect an interrupt to the GIC (Generic Interrupt Controller) for Cortex-R52 CPU0 and
CPU1
● Connect an activating trigger to the DMAC and ELC
● Peripheral function interrupts: 394 sources
● External interrupts: 16 sources (IRQ0 to IRQ15 pins)
● Software interrupts: 8 sources
● Non-maskable interrupts: 1 sources
● 32 levels specifiable for the order of priority in the GIC
Bus state controller (BSC)
● The external address space is divided into four areas (CS0, CS2, CS3, and CS5) for
management.
● The following features are configurable for each area independently:
Bus size (8, 16, or 32 bits): Available sizes depend on the area. Number of access wait
cycles (different wait cycles can be specified for read and write access cycles in some
areas). Idle wait cycle insertion (between same area access cycles or different area access
cycles). Specifying the memory to be connected to each area enables direct connection
to SRAM, SRAM with byte selection, SDRAM, and burst ROM (clocked synchronous or
asynchronous). The address/data multiplexed I/O (MPX) interface is also available.
● Outputs a chip select signal (CS0# to CS5#) according to the target area (CS assert or
negate timing can be selected by software).
● Connectable memory type for each area
CS0: SRAM, burst ROM
CS2: SRAM
CS2 + CS3: SRAM, SDRAM (CS2 only for SDRAM is not supported)
CS3: SRAM, SDRAM
CS5: SRAM, MPX-IO
● SDRAM refresh
Auto refresh or self-refresh mode selectable
● SDRAM burst access
Table 1.4
Direct memory access
Feature
Functional description
Direct memory access controller
(DMAC)
● 2 units (16 channels each unit)
● Transfer modes: Single transfer mode and block transfer mode
● Transfer size
- Unit 0: 1/2/4/8/16/32/64 bytes
- Unit 1: 1/2/4/8/16/32 bytes
● Activation sources: Software trigger, external DMA requests (DREQ), external interrupts,
and interrupt requests from peripheral functions
RZ/T2ME Datasheet
1. Overview
R01DS0441EJ0110 Rev.1.10
Mar 13, 2026
Page 3 of 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com