Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2ME Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # RZ/T2ME
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2ME Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button RZ/T2ME Datasheet HTML 71Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 72Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 73Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 74Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 75Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 76Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 77Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 78Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 116 page
background image
CKIO
Tp
Trr
A25 to A0
tAD1
tCSD1
tRWD1
A12/A11*1
RD/WR#
tCSD1
DACK*2
Tpw
Trr
tRWD1
D31 to D0
BS#
tAD1
CS3#, CS2#
RAS#
tRASD1
tRASD1
tCASD1
CAS#
tCASD1
DQMUU, DQMUL,
DQMLU, DQMLL
CKE
Trc
Trc
tRWD1
tCSD1
tCSD1
tRASD1
tRASD1
(Hi-Z)
Trc
Tmw
Trc
Tde
PALL
REF
REF
MRS
tAD1
tAD1
tAD1
tCSD1
tCSD1
tCSD1
tCSD1
tRWD1
tRWD1
tRASD1
tRASD1
tRASD1
tRASD1
tCASD1
tCASD1
tCASD1
tCASD1
Note 1. Address pin to be connected to A10 of SDRAM.
Note 2. DACK is waveform when active-low is specified.
Figure 2.35
Synchronous DRAM mode register set timing (WTRP = 1 cycle)
2.5.4
DMAC Timing
Table 2.23
DMAC timing
Conditions: VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 15 pF (CKIO), 30 pF (others), Tjmin = −40°C
Parameter
Symbol
Min.*1
Max.
Unit
Reference figure
DMAC
DREQ pulse width
tDRQW
tIcyc × 2
ns
Figure 2.36
DACK and TEND delay time
tDACD
0
10
ns
Figure 2.37
Note 1. tIcyc: ICLK cycle
RZ/T2ME Datasheet
2. Electrical Characteristics
R01DS0441EJ0110 Rev.1.10
Mar 13, 2026
Page 75 of 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com