Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2ME Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RZ/T2ME
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2ME Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RZ/T2ME Datasheet HTML 2Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 3Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 4Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 5Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 6Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 7Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 8Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 9Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 116 page
background image
Table 1.8
Communication interfaces (1 of 3)
Feature
Functional description
Ethernet MAC (GMAC)
● 1 port
● IEEE802.3
● IEEE1588-2008
● IEEE802.3-az-2010 for EEE
● Support for 10/100/1000 Mbps data transfer
● Full duplex and half duplex are supported
● Programmable frame length to support both standard and jumbo frames up to 16 KB
● 17 MAC address registers for the address filter block
● Variety of flexible addresses filtering modes are supported
● Advanced IEEE 1588-2002 & 2008 Ethernet frame time-stamping supported
● MII/RMII/RGMII interface is supported by RMII/RGMII converter
Ethernet switch (ETHSW)
● 3-port PHY interfaces
● IEEE802.3
● Support for 10/100/1000 Mbps data transfer
● Full and half duplex (1000 Mbps supports full-duplex only)
● Hardware switching, lookup, and filtering
● QoS with frame prioritization
● Priority control based on VLAN Priority (IEEE802.1q), which enables priority reassignment
● Classification and priority assignment based on IPv4 DiffServ Code Point Field, IPv6 Class
of Service
● Queue with eight priority levels
● Multicasting and broadcasting
● VLAN frame
● IEEE 1588-2008 compatible
● Programmable addition, removal and manipulation of ingress and egress VLAN tags,
supporting single and double-tagged VLAN frames on each port
● Cut-through and hub features
● Device level ring (DLR)
● Programmable egress rate limit per port
● Ingress Configurable Broadcast/multicast storm protection per port
● IEEE802.1X source address authentication supported
● IEEE802.1X guest VLAN supported
● PRP functionality (IEC 62439-3 edition 2.0- 2012)
● Configurable Time Multiplexed (TDMA) output queue scheduler supporting real-time
network infrastructures using time slots for bandwidth reservation enabling deterministic
delays
● Frame preemption
● Cyclic queuing and forwarding
● Forwarding rule for the TSN-IA profile
● A MAC source address filtering
● Pattern matchers 12 channels
● Independent two timer module are available for timestamping and time for TDMA.
● Remote monitoring through SNMP
● Powerlink capable hub
● 4 additional PTP timer pulse generators
● MAC to MAC connection
● MII/RMII/RGMII interface is supported by RMII/RGMII converter
● 802.1CB, Clause 6.6 (Active Stream Identification)
● 802.1, Clause 8.5 and 6.9: TCI.PCP remapping / TCI.VID assignment
● 802.1Q, Clause 12.20.3: Priority Regeneration Override
● 802.1Q, Clause 8.6.5 and MEF 10.3: Flow classification and metering
● IEEE1588 UDP/IPv4 1step E2E TC
EtherCAT slave controller (ESC)*1
● 1 channel (3 ports)
● EtherCAT Slave Controller IP core (made by Beckhoff Automation GmbH) implemented
● MII interface is supported. RMII/RGMII interface is supported by RGMII converter in
Ethernet Subsystem.
USB 2.0 HS host/function module
● 1 port
● Compliance with the USB 2.0 specification
● OTG support
● Transfer rate
High speed (480 Mbps), full speed (12 Mbps), low speed (1.5 Mbps, host only)
● Communications buffer
– Incorporates 1 KB of RAM for host mode
– Incorporates 8 KB of RAM for function mode
● DMAC (2 channels) incorporated
RZ/T2ME Datasheet
1. Overview
R01DS0441EJ0110 Rev.1.10
Mar 13, 2026
Page 6 of 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com