Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2ME Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RZ/T2ME
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2ME Datasheet(HTML) 5 Page - Renesas Technology Corp

  RZ/T2ME Datasheet HTML 1Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 2Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 3Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 4Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 5Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 6Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 7Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 8Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 116 page
background image
Table 1.7
Timers (2 of 2)
Feature
Functional description
General PWM timer (GPT)
● 32 bits × 18 channels
● Counting up or down (saw-wave), counting up and down (triangle-wave) selectable for all
channels
● Select from among four counter-input clock signals for each channel (with maximum
operating frequency of 400 MHz for LLPP)
● 2 input/output pins per channel
● 2 output compare/input capture registers per channel
● For the 2 output compare/input capture registers of each channel, 4 registers are provided
as buffer registers and are capable of operating as comparison registers when buffering is
not in use.
● In output compare operation, buffer switching can be at peaks or troughs, enabling the
generation of laterally asymmetrically PWM waveforms.
● Registers for setting up frame intervals on each channel (with capability for generating
interrupts on overflow or underflow)
● Synchronizable operation of the several counters
● Modes of synchronized operation (synchronized, or displaced by desired times for phase
shifting)
● Generation of dead times in PWM operation
● Through combination of 3 counters, generation of automatic 3-phase PWM waveforms
incorporating dead times
● Starting, clearing, stopping, switching, up/down counters, and input capture in response to
external or internal triggers
● Starting, clearing, stopping, switching, up/down counters, and input capture in response to
input level comparison
● Internal trigger sources: software and compare-match
● Generation of triggers for A/D converter conversion
● Digital noise filter function for signals on the input capture and external trigger pins
● Event linking by the ELC
● Function of output duty 0% and 100% is selectable from troughs or crests/troughs. (all units)
Compare match timer (CMT)
● (16 bits × 2 channels) × 3 units
● Select from among four counter-input clock signals for each channel
Compare match timer W (CMTW)
● (32 bits × 1 channel) × 2 units
● Compare-match, input-capture input, and output-comparison output are available.
● Select from among four counter-input clock signals for each channel
● Interrupt requests can be output in response to compare-match, input-capture, and output-
comparison events.
Watchdog timer (WDT)
● 14 bits × 2 channels
● Select from among six counter-input clock signals for each channel
Port output enable 3 (POE3)
● Control of the high-impedance state of the MTU3 waveform output pins
● 5 pins for input from signal sources: POE0#, POE4#, POE8#, POE10#, POE11#
● Initiation on detection of short-circuited outputs (detection of simultaneous PWM output to
the active level)
● Initiation by input clock oscillation-stoppage detection, PLL oscillation anomaly detection,
DSMIF error detection, or software
● Additional programming of output control target pins is enabled
Port output enable for GPT (POEG)
● Controlling the output disable for GPT waveform output
● Initiation by input level detection of GTETRG pins
● Initiation by output disable request from GPT
● Initiation by detection of oscillation stop, DSMIF error detection, or by software
Real time clock (RTC)
● A 100 year calendar from 2000 to 2099
● BCD code display
● Clock source is division of main oscillator.
● Automatic adjustment function for leap years
RZ/T2ME Datasheet
1. Overview
R01DS0441EJ0110 Rev.1.10
Mar 13, 2026
Page 5 of 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com