Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2ME Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # RZ/T2ME
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2ME Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button RZ/T2ME Datasheet HTML 84Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 85Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 86Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 87Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 88Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 89Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 90Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 91Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 116 page
background image
IIC_SCLn
(n = 0 to 2)
IIC_SDAn
(n = 0 to 2)
tSTOS
Test Conditions
VIH = VCC33 × 0.7,
VIL = VCC33 × 0.3,
VOL = 0.4 V (IOL = 4 mA)
tSP
P*1
Sr*1
S*1
P*1
tSDAS
tSTAS
tSDAH
tSr
tSf
tSCLL
tSCL
tSCLH
tSTAH
tBUF
Note 1. S, P, and Sr indicate the following conditions.
S: Start condition
P: Stop condition
Sr: Restart condition
Figure 2.63
IIC bus interface input/output timing
2.5.5.10
CANFD Timing
Table 2.34
CANFD timing
Parameter
Symbol
CAN
CANFD
Unit
Reference
figure
Min.
Max.
Min.
Max.
CANFD
Internal delay time
tnode
100
50
ns
Figure 2.64
Transmission rate
1
8
Mbps
Note:
Internal delay time (tnode) = Internal transmission delay time (toutput) + Internal reception delay time (tinput)
CAN controller
Internal transmission
delay time
(toutput)
Internal reception
delay time
(tinput)
CANTX1, CANTX0 pins
CANRX1, CANRX0 pins
Figure 2.64
CAN interface condition
RZ/T2ME Datasheet
2. Electrical Characteristics
R01DS0441EJ0110 Rev.1.10
Mar 13, 2026
Page 88 of 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com