Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2ME Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # RZ/T2ME
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2ME Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button RZ/T2ME Datasheet HTML 93Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 94Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 95Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 96Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 97Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 98Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 99Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 100Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 116 page
background image
Table 2.37
ΔΣ interface timing
Parameter
Symbol
Min.
Max.
Unit
Reference figure
DSMIF
Clock cycle
Master
tDScyc
40
200
ns
Figure 2.78
Slave
40
200
Clock high level
Master
tDSCKWH
16
ns
Slave
16
Clock low level
Master
tDSCKWL
16
ns
Slave
16
Setup time
Master
tSU
15
ns
Figure 2.79, Figure 2.80
Slave
5
Hold time
Master
tH
0
ns
Slave
5
MCLKn
(n = 0 to 5)
tDScyc
tDSCKWH
tDSCKWL
Figure 2.78
Clock input/output timing
MCLKn
(input or output)
tSU
n = 0 to 5
MDATn
(input)
tH
Figure 2.79
Reception timing (MCLKn rising synchronous)
MCLKn
(input or output)
tSU
MDATn
(input)
tH
Figure 2.80
Reception timing (MCLKn falling synchronous)
2.5.5.14
Ethernet Interface Timing
Conditions:
VOH = VCC18 × 0.5, VOL = VCC18 × 0.5, C = 15 pF (RGMII)*1
RZ/T2ME Datasheet
2. Electrical Characteristics
R01DS0441EJ0110 Rev.1.10
Mar 13, 2026
Page 97 of 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com