Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2ME Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # RZ/T2ME
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2ME Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button RZ/T2ME Datasheet HTML 40Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 41Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 42Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 43Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 44Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 45Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 46Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 47Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 116 page
background image
Table 2.14
IO setting (DRCTLm register setting) condition (2 of 2)
Module
Signal
IO type
Voltage
DRCTLm register
DRVn
SRn
SMTn
GPT
(n = 0 to 17)
(m = 0, 1)
GTIOCnA, GTIOCnB
Type A
3.3 V
Middle
Slow
Disable
Type B
3.3 V
Low
Slow
Disable
GTADSMLm, GTADSMPm
3.3 V
Low
Slow
Disable
SCI, SPI
All signals
3.3 V
High
Fast
Disable
xSPI
(n = 0, 1; m = 0, 1)
XSPIn_CKP, XSPIn_CKN, XSPIn_IO[7:0],
XSPIn_CSm#, XSPIn_DS
1.8 V
High
Fast
Disable
3.3 V
High
Fast
Enable
Other than the above
Low
Slow
Disable
Ethernet Interface
(n = 0 to 2)
ETHn_TXCLK, ETHn_TXD[3:0]
1.8 V/3.3 V High
Fast
Disable
ETHn_TXER
3.3 V
Middle
Fast
ETHn_RXCLK, ETHn_RXD[3:0]
1.8 V/3.3 V —
Disable
ETHn_RXER, ETHn_COL, ETHn_CRS
3.3 V
Disable
ETHn_REFCLK, RMIIn_REFCLK
3.3 V
High
Fast
Other than the above
Low
Slow
Disable
Debug Interface
TRACECLK, TRACECTL, TRACEDATA[7:0],
TDO, TMS
3.3 V
High
Fast
Disable
Other than the above
Low
Slow
Disable
Other than the above
Low
Slow
Disable
2.5.1
Clock Timing
2.5.1.1
CKIO Pin Output Timing
Table 2.15
CKIO pin output timing
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
CKIO pin output cycle time
tCKcyc
Figure 2.2
10
53.4
ns
CKIO pin output high level pulse width tCKH
tCKcyc / 2 − tCKr
ns
CKIO pin output low level pulse width
tCKL
tCKcyc / 2 − tCKf
ns
CKIO pin output rising time 1
tCKr
CKIO: High drive output
Setting
3.8
ns
CKIO pin output falling time 1
tCKf
3.8
ns
CKIO pin output rising time 2
tCKr
CKIO: Normal output
setting
9
ns
CKIO pin output falling time 2
tCKf
9
ns
CKIO pin output
tCKcyc
1/2 VCC33
tCKH
tCKL
tCKf
tCKr
VOH33
VOH33
VOL33
1/2 VCC33
VOL33
VOH33
Figure 2.2
CKIO pin output timing
RZ/T2ME Datasheet
2. Electrical Characteristics
R01DS0441EJ0110 Rev.1.10
Mar 13, 2026
Page 44 of 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com