Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2ME Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # RZ/T2ME
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2ME Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button RZ/T2ME Datasheet HTML 31Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 32Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 33Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 34Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 35Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 36Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 37Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 38Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 116 page
background image
Table 1.19
List of pins and pin functions (225-pin FBGA) (6 of 7)
Pin
number
I/O power
domain
Power supply
clock system
control
I/O
port
Bus
Timer (MTU3, POE3,
GPT / POEG, CMTW,
RTC)
Communication (SCI, IIC,
GMAC, ETHSW, ESC, USB,
CANFD, SPI, xSPI)
DSMIF
Interrupt ADC12
Encoder
I/F
L8
VCC1833_0
P10_2
ETH0_RXD1
L9
VCC1833_0
P10_3
RTCAT1HZ
ETH0_RXD2
L10
VCC1833_4
TRACEDATA6
P13_2
D9
MTIOC0A / POE8# /
GTIOC10A
SS1# / CTS1# /
RTS1# / IIC_SCL0 /
ETHSW_PTPOUT2 /
ESC_I2CCLK / SPI_MISO0
MCLK
4
IRQ5
ENCIF8
L11
VCC1833_3
P15_0
A23
RXD5 / SCL5 / MISO5 /
SPI_MOSI1 / XSPI0_IO1
L12
VCC1833_4
P13_4
MTIOC0D / GTIOC8B ESC_RESETOUT#
ENCIF10
L13
VCC1833_3
P14_0
MTCLKD
ETHSW_PTPOUT1 /
ESC_SYNC1 / ESC_SYNC0 /
XSPI0_INT0#
L14
VCC1833_3
P14_1
MTIOC8A / GTIOC8A
ETH1_COL / XSPI0_INT1#
ENCIF11
L15
VSS
M1
VCC1833_1
P05_7
D18
GTIOC15B /
CMTW1_TOC1
TXD4 / SDA4 / MOSI4 /
ETH1_TXD2 / SPI_SSL23
M2
VCC1833_1
P06_2
D20
GTIOC17A
ETH1_TXD1 / CANRXDP1
M3
VCC1833_1
P06_7
D26
GTIOC12B
ETH1_RXD1 / SPI_SSL11
M4
VCC1833_1
P07_3
D30
ETH1_RXCLK
M5
VCC1833_0
P08_6
MTIOC6C
ETH0_RXCLK
M6
VCC1833_0
P09_4
ETH0_TXD2
M7
VCC1833_0
P09_6
ETH0_TXD0
M8
VCC1833_0
P10_1
ETH0_RXD0
M9
VCC1833_0
P10_4
WE2# /
DQMUL
ETHSW_PHYLINK0 /
ESC_PHYLINK0
IRQ11
M10
VCC1833_4
M11
VCC1833_3
P13_7
MTCLKC
GMAC_PTPTRG1 /
ESC_LATCH1 /
ESC_LATCH0 / XSPI0_ECS1#
M12
VCC1833_3
P13_5
MTCLKA
GMAC_PTPTRG0 /
ESC_LATCH0 /
ESC_LATCH1 / SPI_RSPCK1 /
XSPI0_WP1#
M13
VCC1833_3
P13_6
MTCLKB
ETHSW_PTPOUT0 /
ESC_SYNC0 / ESC_SYNC1 /
XSPI0_WP0#
M14
VCC1833_3
P14_3
MTIOC0A
ETH0_COL / XSPI0_RSTO1#
ENCIF13
M15
VCC1833_3
P14_7
A22
SCK5 / SPI_MISO1 /
XSPI0_IO0
N1
VCC1833_1
P06_4
D24
GTIOC11A
ETH1_TXCLK / SPI_MOSI1
N2
VCC1833_1
P06_5
D25
GTIOC11B
ETH1_TXEN
N3
VCC1833_1
P07_1
D28
GTIOC13B
ETH1_RXD3
N4
VCC1833_0
P08_4
D31
MTIOC6A
ETH0_RXD3
N5
VCC1833_0
P08_7
D29
MTIOC6D
GMAC_MDC / ETHSW_MDC /
ESC_MDC
N6
VCC1833_0
P09_2
D31
MTIOC7C
ETH0_RXER
IRQ0
N7
VCC1833_0
P09_5
ETH0_TXD1
N8
VCC1833_0
P10_0
ETH0_TXEN
N9
VCC18_PLL1
N10
VSS
N11
VCC1833_4
TRACEDATA0
P12_4
D15
MTIOC8B / GTIOC8B
ETH1_CRS / SPI_SSL01
ENCIF7
N12
VCC1833_4
TRACEDATA7
P13_3
D8
MTIOC0C /
MTIOC0B /
GTIOC10B /
CMTW1_TOC0
CTS1# / IIC_SDA0 /
ETHSW_PTPOUT3 /
ESC_I2CDATA / SPI_RSPCK0
MDAT
4
ENCIF9
N13
VSS_USB
N14
VSS
RZ/T2ME Datasheet
1. Overview
R01DS0441EJ0110 Rev.1.10
Mar 13, 2026
Page 35 of 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com