Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2ME Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # RZ/T2ME
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2ME Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button RZ/T2ME Datasheet HTML 72Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 73Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 74Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 75Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 76Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 77Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 78Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 79Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 116 page
background image
Table 2.24
DMAC timing
Conditions: VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 12 pF (CKIO), 12 pF (others), Tjmin = −20°C
Parameter
Symbol
Min.*1
Max.
Unit
Reference figure
DMAC
DREQ pulse width
tDRQW
tIcyc × 2
ns
Figure 2.36
DACK and TEND delay time
tDACD
-0.5
8
ns
Figure 2.37
Note 1. tIcyc: ICLK cycle
DREQ
tDRQW
Figure 2.36
DREQ input timing
CKIO
tDACD
tDACD
DACK
TEND
Figure 2.37
DACK and TEND output timing
2.5.5
On-Chip Peripheral Module Timing
2.5.5.1
I/O Port Timing
Table 2.25
I/O port timing
Parameter
Symbol
Min.
Max.
Unit*1
Reference figure
I/O port
Input data pulse width
tPRW
1.5
tPLcyc
Figure 2.38
Note 1. tPLcyc: PCLKL cycle
PCLKL
tPRW
Port
Figure 2.38
I/O port input timing
2.5.5.2
CMTW Timing
Table 2.26
CMTW timing
Parameter
Symbol
Min.
Max.
Unit*1
Reference figure
CMTW
Input capture input pulse
width
Single-edge setting
tCMTWICW
1.5
tPLcyc
Figure 2.39
Both-edge setting
2.5
RZ/T2ME Datasheet
2. Electrical Characteristics
R01DS0441EJ0110 Rev.1.10
Mar 13, 2026
Page 76 of 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com