Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2ME Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # RZ/T2ME
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2ME Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button RZ/T2ME Datasheet HTML 33Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 34Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 35Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 36Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 37Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 38Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 39Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 40Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 116 page
background image
2.
Electrical Characteristics
Electrical characteristics of this LSI is defined with the following conditions unless otherwise described.
Conditions:
VDD = 1.05 to 1.15 V
VCC18 = VCC1833_n (1.8-V mode) = VCC18_PLL0 = VCC18_PLL1 = VCC18_USB = AVCC18_USB = VCC18_ADC0
= VCC18_ADC1 = AVCC18_TSU = VREFH0 = VREFH1= 1.70 to 1.95 V
VCC33 = VCC1833_n (3.3-V mode) = VCC33_USB = 3.135 to 3.465 V
VSS = VSS_USB = 0 V
Tj = −40 to 125ºC
2.1
Absolute Maximum Ratings
Table 2.1
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Power supply voltage (3.3-V mode)
VCC33,
VCC1833_0,
VCC1833_1,
VCC1833_2,
VCC1833_3,
VCC1833_4
−0.3 to +3.8
V
Power supply voltage (1.8-V mode)
(VCC18)
VCC1833_0
VCC1833_1,
VCC1833_2,
VCC1833_3,
VCC1833_4
−0.3 to +2.5
V
Power supply voltage
VDD
−0.3 to +1.5
V
Input voltage
Vin (3.3-V logic)
−0.3 to VCC33 + 0.3
V
Input voltage
Vin (1.8-V logic)
−0.3 to VCC18 + 0.3
V
Analog power supply voltage
VCC18_PLL0,
VCC18_PLL1,
VCC18_USB,
AVCC18_USB,
VCC18_ADC0,
VCC18_ADC1,
AVCC18_TSU
−0.3 to smaller value of VCC18*1
+ 0.3 or 2.5
V
VCC33_USB
−0.3 to smaller value of VCC33 +
0.3 or 3.8
V
Voltage difference between power supply pins
VCC33-VCC18
-2.5 to + 2.1
V
Analog input voltage
VAN
−0.3 to smaller value of
VCC18_ADC0/1 + 0.3 or 2.5
V
Reference voltage
VREFH0, VREFH1
−0.3 to smaller value of
VCC18_ADC0/1 + 0.3 or 2.5
V
Crystal oscillator pins input voltage
XTAL, EXTAL
−0.3 to +1.5
V
Operating temperature (Junction temperature)
Tj
−40 to +125
°C
Storage temperature
Tstg
−55 to +125
°C
Note 1. For convention, "VCC18" virtually represents any 1.8-V power supplies of the chip such as VCC1833_n in 1.8-V mode.
Caution: Permanent damage to the LSI might result if absolute maximum ratings are exceeded.
RZ/T2ME Datasheet
2. Electrical Characteristics
R01DS0441EJ0110 Rev.1.10
Mar 13, 2026
Page 37 of 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com