Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2ME Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # RZ/T2ME
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2ME Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button RZ/T2ME Datasheet HTML 12Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 13Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 14Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 15Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 16Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 17Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 18Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 19Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 116 page
background image
Table 1.17
Pin functions (3 of 6)
Classification
Pin name
I/O
Description
Direct memory access
controller (DMAC)
DREQ
Input
Inputs the DMA transfer request signal from the
external device
DACK
Output
Outputs the acknowledge signal which indicates
acceptance of the DMA transfer request from the
external device
TEND
Output
Outputs the DMA transfer end signal
Interrupt
NMI
Input
Inputs the non-maskable interrupt request signal
IRQ0 to IRQ15
Input
Input the external interrupt request signal
Multi-function timer pulse
unit 3 (MTU3)
MTIOC0A, MTIOC0B, MTIOC0C,
MTIOC0D
I/O
TGRA0 to TGRD0 input capture input, output compare
output, and PWM output pins
MTIOC1A, MTIOC1B
I/O
TGRA1 and TGRB1 input capture input, output
compare output, and PWM output pins
MTIOC2A, MTIOC2B
I/O
TGRA2 and TGRB2 input capture input, output
compare output, and PWM output pins
MTIOC3A, MTIOC3B, MTIOC3C,
MTIOC3D
I/O
TGRA3 to TGRD3 input capture input, output compare
output, and PWM output pins
MTIOC4A, MTIOC4B, MTIOC4C,
MTIOC4D
I/O
TGRA4 to TGRD4 input capture input, output compare
output, and PWM output pins
MTIC5U, MTIC5V, MTIC5W
Input
TGRU5, TGRV5, and TGRW5 input capture input and
dead time compensation input pins
MTIOC6A, MTIOC6B, MTIOC6C,
MTIOC6D
I/O
TGRA6 to TGRD6 input capture input/output compare
output/PWM output pins
MTIOC7A, MTIOC7B, MTIOC7C,
MTIOC7D
I/O
TGRA7 to TGRD7 input capture input/output compare
output/PWM output pins
MTIOC8A, MTIOC8B, MTIOC8C,
MTIOC8D
I/O
TGRA8 to TGRD8 input capture input/output compare
output/PWM output pins
MTCLKA, MTCLKB, MTCLKC,
MTCLKD
Input
External clock input pins for MTU3
Port output enable 3 (POE3) POE0#, POE4#, POE8#, POE10#,
POE11#
Input
Input the request signal to place the MTU3 in the high-
impedance state
General PWM timer (GPT)/
Port output enable for GPT
(POEG)
GTETRGA, GTETRGB, GTETRGC,
GTETRGD
Input
External trigger input and output-disable request input
pins
GTETRGSA, GTETRGSB
Input
External trigger input and output-disable request input
pins (SAFETY)
GTIOC0A to GTIOC17A, GTIOC0B to
GTIOC17B
I/O
Input capture input/output compare output/PWM output
pins
GTADSML0, GTADSML1,
GTADSMP0, GTADSMP1
Output
Output pins for monitoring A/D conversion start
requests
Compare match timer W
(CMTW)
CMTW0_TIC0, CMTW0_TIC1,
CMTW1_TIC0, CMTW1_TIC1
Input
CMTW input capture input pins
CMTW0_TOC0, CMTW0_TOC1,
CMTW1_TOC0, CMTW1_TOC1
Output
CMTW output compare output pins
Real time clock (RTC)
RTCAT1HZ
Output
RTC 1 Hz output pin
RZ/T2ME Datasheet
1. Overview
R01DS0441EJ0110 Rev.1.10
Mar 13, 2026
Page 16 of 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com