Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2ME Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # RZ/T2ME
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2ME Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button RZ/T2ME Datasheet HTML 42Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 43Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 44Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 45Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 46Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 47Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 48Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 49Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 116 page
background image
2.5.1.4
EXTAL/XTAL Clock Timing
Table 2.18
EXTAL/XTAL clock timing
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
EXTAL/XTAL clock frequency*1
fXTAL
25.00 ± 50 ppm
MHz
EtherCAT in use
25.00 ± 25 ppm
MHz
Note:
When using an external oscillator, be sure to leave XTAL open-circuit and make sure that EXTAL is driven low.
Note 1. When using the EXTAL/XTAL clock (i.e. crystal resonator), ask the oscillator manufacturer to evaluate oscillation of the oscillator.
For the oscillation stabilization time, see the evaluation result provided by the oscillator manufacturer.
XTAL clock oscillator output
1/2 × VDD
1/2 × VDD
fXTAL
EXTAL clock oscillator input
VSS
VDD
The swing voltage range of EXTAL/XTAL should be from VSS to VDD.
Figure 2.5
EXTAL clock oscillator input and XTAL clock oscillator output timing
2.5.1.5
LOCO Clock Timing
Table 2.19
LOCO clock timing
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
LOCO clock cycle time
tLcyc
4.62
4.17
3.79
µs
LOCO clock oscillation frequency
tLOCO
216
240
264
kHz
LOCO clock oscillation stabilization wait time
tLOCOWT
40
µs
LOCOCR.LCSTP
Low-speed on-chip
oscillator output
LOCO clock
tLOCOWT
Figure 2.6
LOCO clock oscillation start timing
2.5.2
Reset, Interrupt, and Mode Timing
Table 2.20
Reset, interrupt, and mode timing (1 of 2)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
RES# pulse width
At power on
tdlyreset
Figure 2.7
10
ms
Other than above
tdlyreset2
1
ms
RES# rising time
trisereset
150
µs
TRST# pulse width
At power on
tdlyreset
10
ms
Other than above
tdlyreset2
1
ms
TRST# rising time
trisereset
150
µs
RZ/T2ME Datasheet
2. Electrical Characteristics
R01DS0441EJ0110 Rev.1.10
Mar 13, 2026
Page 46 of 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com