Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2ME Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # RZ/T2ME
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2ME Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button RZ/T2ME Datasheet HTML 7Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 8Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 9Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 10Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 11Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 12Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 13Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 14Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 116 page
background image
1.2
Function Comparison
Table 1.15
Comparison of Functions for Different Packages
Module/Function
320 pins
225 pins
CPU
ARM Cortex-R52
Dual
Dual
Memory
System SRAM
2.0 MB
2.0 MB
External bus
External bus width
32 bits
Interrupt
External interrupt
NMI, IRQ0 to IRQ15
DMA
DMA controller (DMAC)
2 units (DMAC0: 16 channels, DMAC1: 16
channels)
Timer
Multi-function timer pulse unit 3 (MTU3)
9 channels
General PWM timer (GPT)
18 channels
Compare match timer (CMT)
6 channels
Compare match timer W (CMTW)
2 channels
Watchdog timer
2 channels
Port output enable 3 (POE3)
Available
Port output enable for GPT (POEG)
Available
Real time clock (RTC)
Available
Communication
function
Ethernet MAC (GMAC)
1 port
Ethernet switch (ETHSW)
3 ports (PHY interface)
EtherCAT slave controller (ESC)
3 ports
USB 2.0 HS host/function module (USB)
1 port
Serial communication interface (SCI)
6 channels
I2C bus interface (IIC)
3 channels
CANFD module (CANFD)
2 channels
Serial peripheral interface (SPI)
4 channels
Expanded serial peripheral interface (xSPI)
2 channels
(1.8 V or 3.3 V)
1 channel
(1.8 V or 3.3 V)
ΔΣ interface (DSMIF)
2 units (DSMIF0: 3 channels, DSMIF1: 3
channels)
Trigonometric function unit (TFU)
Available
12-bit A/D converter (ADC12)
2 units
(ADC120:
8 channels, ADC121:
16 channels)
2 units
(ADC120:
4 channels, ADC121:
8 channels)
Temperature sensor unit (TSU)
Available
CRC calculator (CRC)
2 channels
Clock monitor circuit (CLMA)
Available
Data operation circuit (DOC)
Available
Security
Available
Event link controller (ELC)
Available
Encoder interfaces
Available
RZ/T2ME Datasheet
1. Overview
R01DS0441EJ0110 Rev.1.10
Mar 13, 2026
Page 11 of 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com