Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2ME Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # RZ/T2ME
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2ME Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button RZ/T2ME Datasheet HTML 89Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 90Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 91Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 92Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 93Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 94Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 95Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 96Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 116 page
background image
SSLn0 input
RSPCKn (CPOL = 0)
input
RSPCKn (CPOL = 1)
input
MISOn
input
MOSIn
output
INVALID
DATA
1st DATA
LAST DATA
1st DATA
LAST DATA
1st DATA
tDr
tDf
tH
tSU
tOD
tTISOED1
tTISS
tTISH
tTIND
tTISOED2
Figure 2.71
SPI timing (Slave, TI-SSP, with delay in burst transfer)
SSL0n input
RSPCKn (CPOL = 0)
input
MOSIn
input
tTISS
tTISH
LAST DATA
LAST DATA
tTISSID
tTISOED1
INVALID
DATA
1st frame
1st DATA
2nd frame
tOD
tSU
tH
tOD
DATA
tDf
tDr
RSPCKn (CPOL = 1)
input
MOSIn
output
1st DATA
1st DATA
1st DATA
tH
tSU
Figure 2.72
SPI timing (Slave, TI-SSP, without delay in burst transfer)
2.5.5.12
xSPI Timing
Conditions:
Single end Clock
VOH = VCC18 × 0.5, VOL = VCC18 × 0.5, C = 15 pF (1.8 V)
VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 15 pF (3.3 V)
Data
VOH = VCC18 × 0.5, VOL = VCC18 × 0.5, C = 15 pF (1.8 V)
VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 15 pF (3.3 V)
RZ/T2ME Datasheet
2. Electrical Characteristics
R01DS0441EJ0110 Rev.1.10
Mar 13, 2026
Page 93 of 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com