Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84060431 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 84060431
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84060431 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 84060431 Datasheet HTML 7Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 8Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 9Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 10Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 11Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 12Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 13Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 14Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
For other products, consult our specialist catalogues… For other products, consult our specialist catalogues…
1
4
8
GF range
Solid state relays
12
10
8
6
4
2
49
65
83
110
150
2
0
4
6
8
10 10 20 30 40 50 60 70 80
0,5°C
/ W
1°C
/ W
2°C
/ W
5°C
/ W
10°C
/ W
25
20
15
10
5
3
06
9
12
10
15
20 30 40 50 60 70 80
45
60
90
110
130
150
0,5
°C
/ W
1°C
/ W
2°C
/ W
5°C / W
10°C / W
To order
s Solid state relay for DC applications
s FET output - 10 A, 15 A, 30 A
s Very low leakage current (<10µA)
s Very low on-state resistance (minimises heating)
s Input to output insulation voltage : 1500 V
s Protection against polarity reversal
For accessories see page 4/9 and 4/10
For dimensions see below
10 A
1 • 200 V
c
3 • 32 V
c
15 A
1 • 100 V
c
3 • 32 V
c
30 A
1 • 50 V
c
3 • 32 V
c
Rating
Output voltages
Input voltages
84 062 291
84 062 381
84 062 571
Part number
Thermal curve
GF range - 10 A
GF range - 15 A
GF range - 30 A
40
32
24
16
8
4
0
5
10
15
20
25
30 10 20 30 40 50 60 70
60
80
110
130
140
80
150
0,5°C
/ W
1°C
/ W
2°C
/ W
5°C / W
10°C / W
10 A
3 • 60 V
c
3 • 32 V
c
Rating
Output voltage
Input voltage
84 063 261
Part number
Dimensions (General tolerances ± 0.5)
G - GA5 - GF and GT ranges - 15 A
GT range
To order
s
Solid state relay for DC applications
s
Transistor output - 10 A
s
Response time < 25µs
s
Input voltage 3-32 V
c
s
UL/CSA approved
s
Input to output insulation 4000 V
a
For accessories see page 4/9 and 4/10
Thermal curve
GT range - 10 A
15
10
5
55
85
105
130
150
2
0
4
6
8
10 20 30 40 50 60 70 80
10
1°C
/ W
2°C
/ W
5°C
/ W
10°C
/ W
44,5
27,9
Ø4,5
25,4
R6,7
1
2
-4
3+
8/32"
6/32"
On-state current
(A)
Ambient temperature
(° C)
No heatsink
On-state current
(A)
Ambient temperature
(° C)
On-state current
(A)
Ambient temperature
(° C)
No heatsink
No heatsink
On-state current
(A)
Ambient temperature
(° C)
No heatsink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com