Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84060431 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # 84060431
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84060431 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button 84060431 Datasheet HTML 22Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 23Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 24Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 25Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 26Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 27Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 28Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 29Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
4/13
4
To order, specify :
12,2
90
Ø 4,5
3,20
80,70
4,5
6,80
102,80
9,30
Part numbers
Zero voltage switching
Rating
Output voltage
Input voltage
SCR
3 x 25 A
48-660 V a
90-280 V a c
84 130 311
4-32 V c
84 130 310
Instantaneous switching
Rating
Output voltage
Input voltage
SCR
3 x 25 A
48-660 V a
4-32 V c
84 130 312
Thermal dissipation curves
GRD range - three-phase with SCR
Curves for temperature-dependent derating
GRD range 90 mm - 3 x 20 A
s
Three-phase
s
Complete, compact units
s
Tailor-made solution to current sinks
s
DIN rail and panel mounting
s
Rating: 3 x 25 A
s
Back-to-back SCRs
s
Protection by RC filter
s
Optional protection by removable varistor
s
LED display of input status
s
UL - cUL approval and CE marking
Output specifications
SCR
Voltage range (Vrms max)
48-660
Peak voltage (t=1 min.) (Vpeak)
1200
Maximum current (A)
3 x 25
Maximum off-state leakage (mA)
20 per phase
at Vmax and T = 25 °C
Minimum current (mArms)
100 per phase
Max. 1-cycle surge
500
T=25°C (A peak)
Max. 1-second surge
145
T=25°C (A peak)
On-state voltage drop
1.6
at Imax and T=25°C (Vpeak)
I2t (t=10ms) A2s
1260
Static (off-state) dv/dt (Vµs)
500
Supply frequency range (Hz)
47 to 80
cos
ϕ (Zero voltage)
> 0.5
Rth junction/ ambient air
1° C/W
Input specifications
Input voltage (V)
90-280
a
a c
c
4-32
c
c
Drop-out voltage
10 Vrms
1V c
Maximum current
10 mArms
10 mA
(at Vmax)
Nominal input resistance (k
Ω)
45
3
Response time
20 ms
0.5 cycle max.
(close)
Response time
30 ms
0.5 cycle max.
(open)
For instantaneous switching models, turn-on time is less than 100 µs
Characteristics
Operating temperature (°C)
-20 to +80
Storage temperature (°C)
-40 to +100
Input to output insulation voltage (Vrms) 4000
Breakdown voltage (Vrms)
2500
Input/output capacitance (pF)
8
Material
Casing
Self-extinguishing
(UL 94 V0)
Baseplate
Aluminium
Weight (g)
940
Dimensions
Solid state relays with integrated heatsink, DIN rail mounting - GRD range 90 mm
0
5
10
15
20
25
I(A)
t (
° C)
010
20
30
40
50
60
70
1
1
2
A1+
A2-
3
4
5
6
U
U
U
Part number
Example: Solid state relay -
GRD range 90 mm - 84 130 311
1
Standard products
Standard products,
non stocked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com