Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84060431 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # 84060431
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84060431 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button 84060431 Datasheet HTML 30Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 31Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 32Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 33Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 34Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 35Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 36Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 37Page - List of Unclassifed Manufacturers 84060431 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
4/18
4
s
For controlling three-phase loads
s
Rating 10, 25, 45 A
s
Output voltages to 660 Vrms
s
Control voltage 4-32 V
c
c or 90-280 V a
a
s
Peak voltage: 1200 V
s
Back-to-back SCR output
s
Input to output insulation voltage: 4000 Vrms
s
Protected against overvoltages by RC filter and
overvoltage limiter
s
Zero voltage or instantaneous switching
Output specifications
Voltage range (Vrms)
24-660
Peak voltage (V peak)
1200
Maximum current (Arms)
10
25
45
Minimum current (mArms)
200
200
200
Max. 1-cycle surge
160
270
450
(A peak)
Leakage current (mArms)
10
10
10
I2t (t=10ms)
128
365
1000
On-state voltage drop
1.6
at Imax and T =25°C
(Vmax)
Thermal resistance/Junction to casing (o C/W) 0.25 ° C/W
0.25 ° C/W
0.2 ° C/W
Supply frequency range (Hz)
47 to 63
Static (off-state) dv/dt
500 Vµs
Response time
3-32 V c
11 ms
90-280 V a
20 ms
Maximum turn-off time
3-32 V c
11 ms
90-280 V a
30 ms
(For instantaneous 3-32 V c switching models, turn-on time is less than
100 µs and turn-off time less than 1/2 cycle.)
Input specifications
Input voltage (V)
90-280
a
a
4-32
c
c
Max. input current (mA)
10
20
(input current limited)
Drop-out voltage (V)
10 a
1 c
Nominal input
1
resistance (k
Ω)
Characteristics
Operating temperature (°C)
-20 to +80
Storage temperature (°C)
-40 to +100
Input to output insulation voltage (Vrms)
4000
Breakdown voltage (T=25°C, 1s) (Vrms)
4000
Input/output capacitance (pF)
< 8
Insulation resistance (M
Ω)
104
Material Casing
Self-extinguishing
(UL 94 V0)
Baseplate
Aluminium
Weight (g)
450
Solid state three-phase relays - GA3 range
Equivalent circuits
U1
U2
A1+
A2-
V1
V2
W1
W2
1
2
Part numbers
Rating
Switching mode
Input voltage
10 A
Zero voltage
4-32 V c
84 068 251
Instantaneous
4-32 V c
84 028 251
25 A
Zero voltage
90-280 V a
84 068 453
4-32 V c
84 068 451
Instantaneous
90-280 V a
84 028 453
4-32 V c
84 068 651
45 A
Zero voltage
90-280 V a
84 068 653
4-32 V c
84 068 651
Instantaneous
90-280 V a
84 028 653
4-32 V c
84 028 651
Accessories
Protective cover (see page 4/31)
26 532 796
Heatsinks (see page 4/30)
Heat transfer compound (see page 4/32)
18 373 112
DIN rail adaptor (see page 4/31)
26 532 764
Quick-blow fuses (see page 4/32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com